Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXB50-48S05J Datasheet(PDF) 3 Page - Emerson Network Power

Part # EXB50-48S05J
Description  20-50 W High Efficiency DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXB50-48S05J Datasheet(HTML) 3 Page - Emerson Network Power

  EXB50-48S05J Datasheet HTML 1Page - Emerson Network Power EXB50-48S05J Datasheet HTML 2Page - Emerson Network Power EXB50-48S05J Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
EXB50 Series
Single output
DC-DC CONVERTERS
20-50 W High Efficiency DC-DC Converters
3
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: exb50s.pdf Rev (02): 05 Dec 2005
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1-Vin
2
No Pin
3
Remote ON/OFF
4+Vin
5
+Vout
6
+Sense
7
Trim
8
-Sense
9
-Vout
OPEN-FRAME
HEIGHT
STAND-OFFS
4 PLACES
ALL DIMENSIONS IN INCHES (mm)
General Tolerance
±0.010 (0.25)
Unless Otherwise Specified
9
5
8
7
6
4
1
3
Ø
0.040
±0.02
(Ø1.02
±0.05)
1.90
(48.26)
0.19
(4.83)
2.28
±0.02
(57.91
±0.5)
Ø
0.079
±0.002
(Ø2.03
±0.05)
BOTTOM
VIEW


Similar Part No. - EXB50-48S05J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB50-48D05-3V3 ARTESYN-EXB50-48D05-3V3 Datasheet
52Kb / 2P
   50W High Efficiency DC/DC Converters
EXB50-48D05-3V3J ARTESYN-EXB50-48D05-3V3J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
EXB50-48D3V3-1V8 ARTESYN-EXB50-48D3V3-1V8 Datasheet
52Kb / 2P
   50W High Efficiency DC/DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
More results

Similar Description - EXB50-48S05J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
   60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
   60 W High Efficiency DC/DC Converters
EXA40 EMERSON-NETWORKPOWER-EXA40 Datasheet
132Kb / 3P
   40 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
   30 W High Efficiency DC-DC Converters
logo
Emerson Network Power
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
   20 W DC-DC Converters
logo
Emerson Network Power
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com