Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXA40-48S05J Datasheet(PDF) 3 Page - Emerson Network Power

Part # EXA40-48S05J
Description  40 W High Efficiency DC-DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

EXA40-48S05J Datasheet(HTML) 3 Page - Emerson Network Power

  EXA40-48S05J Datasheet HTML 1Page - Emerson Network Power EXA40-48S05J Datasheet HTML 2Page - Emerson Network Power EXA40-48S05J Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.800
(45.72)
2.200
±0.02
(55.88
±0.5)
1.200
(30.48)
0.600
(15.24)
1.000
(25.40)
0.200
(5.08)
2.042
(51.88)
2.200
±0.02
(55.88
±0.5)
2.003
(50.88)
0.700
(17.78)
0.300
(7.62)
0.100
(2.54)
0.398
±0.012
(10.10
±0.3)
0.020
(0.50)
ø0.040
±0.002
(ø1.02)
±0.05
0.142
(3.60)
BOTTOM VIEW
ALL DIMENSIONS IN INCHES (MM)
0.200
(5.08)
1
2
4
6
7
8
General tolerance
±0.010 (±0.25)
unless otherwise specified
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
EXA40 Series
Single output
DC-DC CONVERTERS 40 W High Efficiency DC-DC Converters
3
Please consult our website for the following items:
 Application Note  Longform Data Sheet
www.artesyn.com
File Name: exa40.pdf Rev (02): 09 Dec 2005
PIN CONNECTIONS
PIN NO.
SINGLE OUTPUT
1
+ Input
2
– Input
4
Remote ON/OFF
6
+ Output
7
- Output
8
Trim
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E174104
VDE Certificate No.112836. File No. 10401-3336-0129
CB Report and Certificate to IEC60950, Certificate No. DE1-31103


Similar Part No. - EXA40-48S05J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXA40-48S05 ARTESYN-EXA40-48S05 Datasheet
543Kb / 4P
   40W High Efficiency DC/DC Converters
More results

Similar Description - EXA40-48S05J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
EXQ60D ARTESYN-EXQ60D Datasheet
217Kb / 2P
   60 W High Efficiency DC/DC Converters
logo
Emerson Network Power
EXQ60D EMERSON-NETWORKPOWER-EXQ60D Datasheet
217Kb / 2P
   60 W High Efficiency DC/DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
   30 W High Efficiency DC-DC Converters
logo
Emerson Network Power
CXE15 EMERSON-NETWORKPOWER-CXE15 Datasheet
262Kb / 3P
   15 W High Efficiency DC-DC Converters
SXN15 EMERSON-NETWORKPOWER-SXN15 Datasheet
124Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters
SXE15 EMERSON-NETWORKPOWER-SXE15 Datasheet
125Kb / 2P
   DC-DC CONVERTERS 10.8-15 W High Efficiency DC-DC Converters 1
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
   36-100 W High Efficiency DC/DC Converters
logo
Emerson Network Power
EXB250 EMERSON-NETWORKPOWER-EXB250 Datasheet
94Kb / 3P
   72-165 W High Efficiency DC-DC Converters
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
   16-30 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com