Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1290CCN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1290CCN
Description  Single Chip 12-Bit Data Acquisition System
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1290CCN Datasheet HTML 2Page - Linear Technology LTC1290CCN Datasheet HTML 3Page - Linear Technology LTC1290CCN Datasheet HTML 4Page - Linear Technology LTC1290CCN Datasheet HTML 5Page - Linear Technology LTC1290CCN Datasheet HTML 6Page - Linear Technology LTC1290CCN Datasheet HTML 7Page - Linear Technology LTC1290CCN Datasheet HTML 8Page - Linear Technology LTC1290CCN Datasheet HTML 9Page - Linear Technology LTC1290CCN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1290
1290fe
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Change in Offset vs Temperature
Change in Linearity vs Reference
Voltage
REFERENCE VOLTAGE, VREF (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1290 • TPC04
1
2
3
5
VCC = 5V
Change in Gain vs Reference
Voltage
REFERENCE VOLTAGE, VREF (V)
1
–0.2
–0.1
0
5
1290 • TPC05
–0.3
–0.4
–0.5
2
3
4
VCC = 5V
AMBIENT TEMPERATURE, TA (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
–10
30
50
130
1290 • TPC06
–30
10
70
90 110
ACLK = 4MHz
VCC = 5V
VREF = 5V
Change in Gain Error vs
Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0.5
0.4
0.3
0.2
0.1
0
–10
30
50
130
1290 • TPC08
–30
10
70
90 110
ACLK = 4MHz
VCC = 5V
VREF = 5V
Change in Linearity Error vs
Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0
0.1
0.3
0.4
0.5
–10
30
50
130
1290 • TPC07
0.2
–30
10
70
90 110
0.6
ACLK = 4MHz
VCC = 5V
VREF = 5V
Maximum ACLK Frequency vs
Source Resistance
RSOURCE (Ω)
100
0
4
5
1k
10 k
100k
1290 • TPC09
3
2
1
VCC = 5V
VREF = 5V
TA = 25°C
+
INPUT
INPUT
VIN
RSOURCE–
* MAXIMUM ACLK FREQUENCY REPRESENTS THE
ACLK FREQUENCY AT WHICH A 0.1LSB SHIFT IN
THE ERROR AT ANY CODE TRANSITION FROM ITS
4MHz VALUE IS FIRST DETECTED.
Supply Current vs Temperature
Supply Current vs Supply Voltage
Unadjusted Offset Voltage vs
Reference Voltage
SUPPLY VOLTAGE, VCC (V)
46
8
10
1290 • TPC01
26
22
18
14
10
6
2
ACLK = 4MHz
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
30
10
9
8
7
6
5
4
3
LT1290 • TPC02
–10
70
–30
50
10
90 110 130
ACLK = 4MHz
VCC = 5V
REFERENCE VOLTAGE, VREF (V)
1
5
1290 • TPC03
2
3
4
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VOS = 0.25mV
VOS = 0.125mV
VCC = 5V


Similar Part No. - LTC1290CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290CCN LINER-LTC1290CCN Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCN LINER-LTC1290CCN Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290CCN LINEAR-LTC1290CCN Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290CCN LINER-LTC1290CCN Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290CCN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com