Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1702A Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1702A
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702A Datasheet(HTML) 4 Page - Linear Technology

  LTC1702A Datasheet HTML 1Page - Linear Technology LTC1702A Datasheet HTML 2Page - Linear Technology LTC1702A Datasheet HTML 3Page - Linear Technology LTC1702A Datasheet HTML 4Page - Linear Technology LTC1702A Datasheet HTML 5Page - Linear Technology LTC1702A Datasheet HTML 6Page - Linear Technology LTC1702A Datasheet HTML 7Page - Linear Technology LTC1702A Datasheet HTML 8Page - Linear Technology LTC1702A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LTC1702A
1702afa
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Load Current
TEMPERATURE (
°C)
–50
2.4
PVCC
VCC
25
1702A G04
1.8
1.4
–25
0
50
1.2
1.0
2.6
2.2
2.0
1.6
75
100
125
BOOST1, BOOST2
TEST CIRCUIT 1
CL = 0pF
Transient Response
TEMPERATURE (
°C)
–50
–2.5
–2.0
–1.0
–0.5
0
2.5
1.0
0
50
75
1702A G05
–1.5
1.5
2.0
0.5
–25
25
100
125
VCC = 5V
TEMPERATURE (
°C)
–50
0.4
0.5
0.7
0.8
0.9
1.4
1.1
0
50
75
1702A G06
0.6
1.2
1.3
1.0
–25
25
100
125
VPVCC = 5V
VBOOST – VSW = 5V
MOSFET Driver Supply Current
vs Gate Capacitance
Supply Current vs Temperature
Normalized Oscillator Frequency
vs Temperature
Driver RON vs Temperature
RUN/SS Source Current
vs Temperature
TEMPERATURE (
°C)
–50
4.0
4.5
5.0
25
75
1702A G07
3.5
3.0
–25
0
50
100
125
2.5
2.0
VCC = 5V
Nonoverlap Time vs Temperature
Driver Rise/Fall vs Temperature
LOAD CURRENT (A)
0
70
80
90
100
510
1702A G01
15
VIN = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.6V
VIN = 5V
VOUT = 1.8V
ILOAD = 0A-10A-0A
±2.2% MAX DEVIATION
1702A G02
GATE CAPACITANCE (pF)
0
25
30
35
6000
8000
1702A G03
20
15
2000
4000
10000
10
5
0
TEST CIRCUIT 1
ONE DRIVER LOADED
MULTIPLY BY # OF ACTIVE
DRIVERS TO OBTAIN TOTAL
DRIVER SUPPLY CURRENT
TEMPERATURE (
°C)
–50
40
50
70
25
75
1702A G08
30
20
–25
0
50
100
125
10
0
60
TEST CIRCUIT 1
CL = 2000pF
BG FALLING EDGE
TG RISING EDGE
TG FALLING EDGE
BG RISING EDGE
TEMPERATURE (
°C)
–50
–25
12
12
15
0
50
75
1702A G09
11
14
13
25
100
125
TEST CIRCUIT 1
CL = 2000pF
IL
20mV/DIV
10
µs/DIV


Similar Part No. - LTC1702A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702A LINER-LTC1702A Datasheet
205Kb / 24P
   High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
More results

Similar Description - LTC1702A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
   Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC3728 LINER-LTC3728 Datasheet
676Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com