Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1696ES6 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1696ES6
Description  Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696ES6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1696ES6 Datasheet HTML 4Page - Linear Technology LTC1696ES6 Datasheet HTML 5Page - Linear Technology LTC1696ES6 Datasheet HTML 6Page - Linear Technology LTC1696ES6 Datasheet HTML 7Page - Linear Technology LTC1696ES6 Datasheet HTML 8Page - Linear Technology LTC1696ES6 Datasheet HTML 9Page - Linear Technology LTC1696ES6 Datasheet HTML 10Page - Linear Technology LTC1696ES6 Datasheet HTML 11Page - Linear Technology LTC1696ES6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC1696
9
APPLICATIO S I FOR ATIO
R
V
I
V
A
k
FB
DIVIDER
1
088
20
44
==
µ
=
.
The nearest 1% value for R1 is 44.2k. Now, calculating for
R2 yields:
R
kV
V
V
k
2
44 2
3 63
0 88
088
138 1
=
()
=
.•
.
– .
.
.
Choosing the nearest 1% value yields 137k.
The chosen values for R1 and R2 yield an overvoltage
threshold of 3.608V (+ 9.3%). With worst-case tolerances
applied, the minimum overvoltage threshold is 3.481V
(+5.5%) and the maximum overvoltage threshold is 3.738V
(+13.3%).
Reset Function
In the event of an overvoltage condition, the OUT pin of the
LTC1696 is latched into an active high state. The internal
latch is reset by pulling the TIMER/RESET pin low through
an external N-channel MOSFET switch or pulling VCC
voltage below the UVLO trip point of 1.94V.
Glitch Filter Timer
The LTC1696 has a programmable glitch filter to prevent
the output from entering its active high latched condition
if transients occur on the FB1 or FB2 pins. The filter time
delay is programmed externally by an external capacitor
C1 connected to the TIMER/RESET pin.
The time delay is given by: t
CV
I
D
INT
CHG
=
1•
where VINT is the internal reference voltage of 1.185V and
ICHG is the internal current source charging the external
capacitor C1. The current source ICHG charging the
external timer capacitor is 10
µA for small feedback
transients and increases to 12
µA for large feedback
transients (greater than 100mV) from one feedback
input. The charging current increases to 18
µA for large
feedback transients from both feedback inputs.
SCR Crowbar
The LTC1696 can deliver continuous output current typi-
cally 80mA at high supply voltage to trigger an external
SCR crowbar in the event of an overvoltage condition as
shown in the typical application on the front page of the
data sheet. The output current decreases when the supply
voltage reduces. It delivers 25mA at a supply voltage of 5V.
At a low supply voltage of 3.3V, the output current reduces
to 10mA and an external NPN emitter follower is needed to
boost the current in order to drive the SCR crowbar as
shown in Figure 2. The power dissipation due to the high
output current at high supply voltage can potentially
exceed the thermal limit of the package. This is avoided by
resetting the device rapidly when the external SCR crow-
bar has been triggered, so that the device is not kept in the
active high state for too long.
C1
1nF
6
VOUT2
2.5V
VOUT1
1.8 V
5
4
1696 F02
1
2
3
LTC1696
RESET
Q1
2N7002
FB1
GND
VCC
FB2
OUT
TIMER/
RESET
R1
44.2k
1%
VCC
3.3V
R2
54.9k
1%
Q1
2N3904
SCR
2N6507
R5
470
5%
R6
22
5%
R3
44.2k
1%
R4
93.1k
1%
C2
0.1
µF
POWER
SUPPLY
Figure 2. External SCR with NPN Emitter Follower with Low Voltage Supplies


Similar Part No. - LTC1696ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1696 LINER-LTC1696 Datasheet
291Kb / 24P
   High Voltage Surge
LTC1696 LINER-LTC1696 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
logo
Linear Integrated Syste...
LTC1696 LINEAR-LTC1696 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
More results

Similar Description - LTC1696ES6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
   Overvoltage/Overcurrent Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
   Overvoltage/Overcurrent Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com