Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDSL3150 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TDSL3150
Description  Low Current 10 mm Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL3150 Datasheet(HTML) 4 Page - Vishay Siliconix

  TDSL3150 Datasheet HTML 1Page - Vishay Siliconix TDSL3150 Datasheet HTML 2Page - Vishay Siliconix TDSL3150 Datasheet HTML 3Page - Vishay Siliconix TDSL3150 Datasheet HTML 4Page - Vishay Siliconix TDSL3150 Datasheet HTML 5Page - Vishay Siliconix TDSL3150 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TDSL31.0
Vishay Telefunken
4 (6)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83122
0.1
1
10
0.01
0.1
1
10
100
100
95 10061
IF – Forward Current ( mA )
High Efficiency Red
Figure 7. Relative Luminous Intensity vs. Forward Current
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
l – Wavelength ( nm )
1.0
High Efficiency Red
Figure 8. Relative Luminous Intensity vs. Wavelength


Similar Part No. - TDSL3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL3150 VISHAY-TDSL3150 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL3150 VISHAY-TDSL3150 Datasheet
111Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2022
TDSL3150 VISHAY-TDSL3150 Datasheet
110Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2023
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
More results

Similar Description - TDSL3150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL31 VISHAY-TDSL31_V01 Datasheet
111Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2022
TDSL3150 VISHAY-TDSL3150_V01 Datasheet
110Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2023
logo
Siemens Semiconductor G...
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
   SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com