Part Name
         Description
TDS11

 Photo Modules for PCM Remote Control Systems ( 8 Page)


VISHAY
100% 
Zoom Out Zoom In
   
 2 page
background image
TSOP11..CB1
Vishay Telefunken
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82148
2 (8)
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Supply Voltage
(Pin 2)
VS
–0.3...6.0
V
Supply Current
(Pin 2)
IS
5
mA
Output Voltage
(Pin 3)
VO
–0.3...6.0
V
Output Current
(Pin 3)
IO
5
mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
–25...+85
°C
Operating Temperature Range
Tamb
–25...+85
°C
Power Consumption
(Tamb x 85 °C)
Ptot
50
mW
Soldering Temperature
t
x 10 s, 1 mm from case
Tsd
260
°C
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Supply Current (Pin 2)
VS = 5 V, Ev = 0
ISD
0.4
0.6
1.5
mA
Supply Current (Pin 2)
VS = 5 V, Ev = 40 klx, sunlight
ISH
1
mA
Supply Voltage (Pin 2)
VS
4.5
5.5
V
Transmission Distance
Ev = 0, test signal see fig.8,
IR diode TSAL6200, IF = 0.4 A
d
35
m
Output Voltage Low (Pin 3)
IOSL = 0.5 mA,Ee = 0.7 mW/m2,
f = fo, test signal see fig.7
VOSL
250
mV
Irradiance (30
40 kHz)
Test signal see fig.7
E
i
0.4
0.6
mW/m2
Irradiance (30 – 40 kHz)
Test signal see fig.8
Ee min
0.35
0.5
mW/m2
Irradiance (56 kHz)
Test signal see fig.7
E
0.45
0.7
mW/m2
Irradiance (56 kHz)
Test signal see fig.8
Ee min
0.40
0.6
mW/m2
Irradiance
Test signal see fig.7
Ee max
30
W/m2
Directivity
Angle of half transmission distance
ϕ1/2
±45
deg
Application Circuit
12755
TSAL62..
TSOP11..
2
3
1
4.7
mF *)
mC
>10 k
W
optional
100
W *)
+5V
*) recommended to suppress power supply disturbances
GND
**) The output voltage should not be hold continuously at a voltage below 3.3V by the external circuit.
**)



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSOP1230GL1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1530Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1730TB1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1830SI3VPhoto Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP2230Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP2830TE1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP4830UH1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TFMM5Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1230KA1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
TSOP1530SD1Photo Modules for PCM Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl