Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1659CMS8-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1659CMS8-TRPBF
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659CMS8-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1659CMS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC1659
7
1659fa
TIMING DIAGRAM
DEFINITIONS
B11
MSB
B10
t1
t9
B1
t6
B0
LSB
B11
CURRENT WORD
t7
t2
t4
t3
t8
CLK
DIN
DOUT
CS/LD
t5
1659 TD
B0
PREVIOUS WORD
B11
PREVIOUS WORD
B10
B1
B0
Differential Nonlinearity (DNL): The difference between
the measured change and the ideal 1LSB change for any
two adjacent codes. The DNL error between any two codes
is calculated as follows:
DNL = (
ΔVOUT – LSB)/LSB
where
ΔVOUT is the measured voltage difference between
two adjacent codes.
Digital Feedthrough: The glitch that appears at the ana-
log output caused by AC coupling from the digital inputs
when they change state. The area of the glitch is specified
in (nV)(sec).
Full-Scale Error (FSE): The deviation of the actual full-scale
voltage from ideal. FSE includes the effects of offset and
gain errors (see Applications Information).
Integral Nonlinearity (INL): The deviation from a straight
line passing through the endpoints of the DAC transfer
curve (Endpoint INL). Because the output cannot go
below zero, the linearity is measured between full scale
and the lowest code which guarantees the output will be
greater than zero. The INL error at a given input code is
calculated as follows:
INL = [VOUT – VOS – (VFS – VOS)(code/4095)]/LSB
where VOUT is the output voltage of the DAC measured at
the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/4096
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Applications Information).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.


Similar Part No. - LTC1659CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1659CMS8 LINER-LTC1659CMS8 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results

Similar Description - LTC1659CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1456 LINER-LTC1456_15 Datasheet
163Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456 LINER-LTC1456 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com