Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1662 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1662
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1662 Datasheet(HTML) 5 Page - Linear Technology

  LTC1662_1 Datasheet HTML 1Page - Linear Technology LTC1662_1 Datasheet HTML 2Page - Linear Technology LTC1662_1 Datasheet HTML 3Page - Linear Technology LTC1662_1 Datasheet HTML 4Page - Linear Technology LTC1662_1 Datasheet HTML 5Page - Linear Technology LTC1662_1 Datasheet HTML 6Page - Linear Technology LTC1662_1 Datasheet HTML 7Page - Linear Technology LTC1662_1 Datasheet HTML 8Page - Linear Technology LTC1662_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1662
VREF (V)
0123456
1662 G07
4
3
2
1
0
–1
–2
–3
–4
VCC = 5.5V
MAX POS INL
MAX NEG INL
1662 G08
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
VCC = 5.5V
VREF (V)
0123456
MAX POS DNL
MAX NEG DNL
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85
105
1662 G09
0
–1
–2
–3
–4
–5
VCC = 5V
VREF = 4.096V
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85
105
1662 G10
0
–1
–2
–3
–4
–5
VCC = 5V
VREF = 4.096V
IOUT (mA)
–5 –4 –3 –2 –1
012345
1662 G11
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 5V
VOUT = 2.5V
CODE = 512
TA = 25°C
SOURCE
SINK
IOUT (mA)
–1 –0.8–0.6–0.4– 0.2 0
0.2 0.4 0.6 0.8
1
1662 G12
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = VCC = 3V
VOUT = 1.5V
CODE = 512
TA = 25°C
SOURCE
SINK
OUTPUT SOURCE CURRENT (A)
1
µ
10
µ
100
µ
1m
10m
100m
1662 G13
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 512
TA = 25°C
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC = 3.6V
VCC = 3V
VCC = 2.7V
OUTPUT SINK CURRENT (A)
1
µ
10
µ
100
µ
1m
10m
100m
1662 G14
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
VREF = VCC
CODE = 512
TA = 25°C
VCC = 5.5V
VCC = 5V
VCC = 4.5V
VCC = 3.6V
VCC = 3V
VCC = 2.7V
OUTPUT SOURCE/SINK CURRENT (mA)
1662 G15
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VREF = VCC
TA = 25°C
CODE = 1023
CODE = 0
TYPICAL PERFOR A CE CHARACTERISTICS
Integral Nonlinearity (INL) vs
Reference Voltage
Differential Nonlinearity (DNL) vs
Reference Voltage
Offset Voltage vs Temperature
Gain Error vs Temperature
Load Regulation vs Output
Current at 5V
Load Regulation vs Output
Current at 3V
Output Amplifier Current Sourcing
Capability (Midscale)
Output Amplifier Current Sinking
Capability (Midscale)
Max/Min Output Voltage vs Source/
Sink Output Current (VCC = 5V)


Similar Part No. - LTC1662_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1662 LINER-LTC1662_15 Datasheet
230Kb / 16P
   Ultralow Power, Dual 10-Bit DAC in MSOP
More results

Similar Description - LTC1662_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1662 LINER-LTC1662_15 Datasheet
230Kb / 16P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662 Datasheet
185Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
   Micropower Dual 10-Bit DAC in MSOP
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
logo
Linear Technology
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com