Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1649 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1649
Description  3.3V Input High Power Step-Down Switching Regulator Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649 Datasheet(HTML) 5 Page - Linear Technology

  LTC1649_1 Datasheet HTML 1Page - Linear Technology LTC1649_1 Datasheet HTML 2Page - Linear Technology LTC1649_1 Datasheet HTML 3Page - Linear Technology LTC1649_1 Datasheet HTML 4Page - Linear Technology LTC1649_1 Datasheet HTML 5Page - Linear Technology LTC1649_1 Datasheet HTML 6Page - Linear Technology LTC1649_1 Datasheet HTML 7Page - Linear Technology LTC1649_1 Datasheet HTML 8Page - Linear Technology LTC1649_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1649
BLOCK DIAGRA
+
+
ILIM
FB
MIN
PWM
MAX
+
40mV
+
1.26V
12
µA
40mV
12
µA
PVCC1
CPOUT
C+
SHDN
COMP
SS
IMAX
VCC
PVCC2
G1
G2
IFB
FB
1649 BD
INTERNAL
SHUTDOWN
50
µs
DELAY
VIN
CHARGE
PUMP
C
TEST CIRCUIT
Figure 1
VCC
VOUT
2.5V
IMAX
SHDN
1
µF
G2
FB
VIN
VIN
3.3V
C+
LTC1649
PVCC2
PVCC1
G1
IFB
COMP
SS
C
GND
CPOUT
1
µF
10
µF
MBR0530
0.1
µF
CC
0.01
µF
RC
7.5k
LEXT
1.2
µH
C1
220pF
10
µF
MBR0530
RIMAX
50k
22
1k
Q3
IRF7801
Q1, Q2
IRF7801
TWO IN
PARALLEL
COUT
4400
µF
CIN
3300
µF
SHDN
R2
12.7k
R1
12.4k
1649 TA03
+
0.33
µF
+
+
+


Similar Part No. - LTC1649_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
More results

Similar Description - LTC1649_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
   3.3V High Efficiency Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A_15 Datasheet
296Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430A LINER-LTC1430A Datasheet
356Kb / 24P
   High Power Step-Down Switching Regulator Controller
LTC1430 LINER-LTC1430 Datasheet
211Kb / 16P
   High Power Step-Down Switching Regulator Controller
LTC1430 LINER-LTC1430_15 Datasheet
231Kb / 16P
   High Power Step-Down Switching Regulator Controller
logo
Analog Intergrations Co...
AIC1579 AIC-AIC1579 Datasheet
315Kb / 8P
   Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5069JA ONSEMI-LV5069JA Datasheet
344Kb / 20P
   Step-down Switching Regulator Controller
March, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com