Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD12A48-S Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALD12A48-S
Description  High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALD12A48-S Datasheet(HTML) 1 Page - Emerson Network Power

  ALD12A48-S Datasheet HTML 1Page - Emerson Network Power ALD12A48-S Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
25 Amps
• High Efficiency
• -40°C to +85°C Ambient Air Operation
• 1.30” x 0.9" x 0.35" TH or SMT package
• High capacitive load limit on start-up
• Industry standard feature sets: UVLO, OVP,
OCP, OTP, On/Off Enable, Remote Sense,
Output Trim
• Basic Insulation
• Regulation to zero load
• Fixed frequency switching
• EU Directive 2002/95/EC compliant for RoHS
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
88%@1.8V (Typical)
Output
Line Regulation
±0.1%VO
Load Regulation
±0.1%VO
Noise/Ripple1
35mV Typ
Remote sense
Up to 10% of Vo
Transient Response
3%Vo (typ) deviation
50% to 75% Load change
80µs settling time (typ)
Overvoltage Protection
125% VO typ (autorecovery)
Over Current protection
115% IO typ (autorecovery)
Over Temperature
115ºC average PCB temperature
Protection
(autorecovery)
Switching Frequency
Fixed Frequency
Isolation Voltage
1500 Vdc
Control
Voltage Adjust
90 to 110% Vo
Enable
TTL compatible
(Positive or Negative enable options)
Ambient air operating temperature range:
-40°C to +85°C
Storage temperature: -40°C to +125°C
Overtemperature protection: 115°C PCB
temperature (Typical)
MTBF: > 1 million hours
UL,cUL 60950-1
TUV EN60950-1
Environmental
Total Power:
60W
Input Voltages:
48
No. of Outputs:
Single
Safety
ALD25


Similar Part No. - ALD12A48-S

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALD12A48-S ASTEC-ALD12A48-S Datasheet
592Kb / 20P
   Single Output 16th Brick: 60Watts
More results

Similar Description - ALD12A48-S

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ15-DUAL EMERSON-NETWORKPOWER-ALQ15-DUAL Datasheet
408Kb / 2P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC3510TW GENESIC-KBPC3510TW Datasheet
314Kb / 3P
   High efficiency
KBPC1504TW GENESIC-KBPC1504TW Datasheet
333Kb / 3P
   High efficiency
logo
Everlight Electronics C...
EALP05RDDBA0 EVERLIGHT-EALP05RDDBA0 Datasheet
219Kb / 9P
   High efficiency.
logo
Sanken electric
BL0200C SANKEN-BL0200C Datasheet
632Kb / 26P
   High Efficiency
logo
Taoglas antenna solutio...
SDWA.01 TAOGLAS-SDWA.01 Datasheet
1Mb / 20P
   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC2504TW GENESIC-KBPC2504TW Datasheet
334Kb / 3P
   High efficiency
KBPC3504TW GENESIC-KBPC3504TW Datasheet
333Kb / 3P
   High efficiency
logo
Texas Instruments
PT7720 TI1-PT7720_13 Datasheet
161Kb / 8P
[Old version datasheet]   High Efficiency
logo
GeneSiC Semiconductor, ...
KBPC1510TW GENESIC-KBPC1510TW Datasheet
314Kb / 3P
   High efficiency
KBPC2510TW GENESIC-KBPC2510TW Datasheet
315Kb / 3P
   High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com