Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15632I Datasheet(PDF) 7 Page - Linear Technology

Part # 15632I
Description  Active RC, 4th Order Lowpass Filter Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

15632I Datasheet(HTML) 7 Page - Linear Technology

Back Button 15632I Datasheet HTML 3Page - Linear Technology 15632I Datasheet HTML 4Page - Linear Technology 15632I Datasheet HTML 5Page - Linear Technology 15632I Datasheet HTML 6Page - Linear Technology 15632I Datasheet HTML 7Page - Linear Technology 15632I Datasheet HTML 8Page - Linear Technology 15632I Datasheet HTML 9Page - Linear Technology 15632I Datasheet HTML 10Page - Linear Technology 15632I Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1563-2/LTC1563-3
156323fa
THD + Noise vs Output Load
THD + Noise vs Output Load
Output Voltage Noise vs Cutoff
Frequency
THD + Noise vs Output Load
THD + Noise vs Output Load
Stopband Gain vs Input Frequency
Crosstalk Rejection vs Frequency
Crosstalk Rejection vs Frequency
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G19
–70
–75
–80
–85
–90
–95
–100
LP MODE,
3VP-P SIGNAL
LP MODE,
2VP-P SIGNAL
HS MODE,
3VP-P SIGNAL
HS MODE,
2VP-P SIGNAL
VS = SINGLE 5V
fC = 25.6kHz
fIN = 5kHz
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G20
–70
–75
–80
–85
–90
–95
–100
VS = SINGLE 5V
HIGH SPEED MODE
fC = 256kHz
fIN = 20kHz, 50kHz
3VP-P, 20kHz
3VP-P, 50kHz
2VP-P, 50kHz
2VP-P, 20kHz
fC (Hz)
60
50
40
30
20
10
0k
0.1
10
100
1000
1563 G21
1
TA = 25°C
HS MODE
LP MODE
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G22
–70
–75
–80
–85
–90
–95
–100
LP MODE,
5VP-P SIGNAL
LP MODE,
2VP-P SIGNAL
HS MODE,
5VP-P SIGNAL
HS MODE,
2VP-P SIGNAL
VS = ± 5V
fC = 25.6kHz
fIN = 5kHz
–70
–75
–80
–85
–90
–95
–100
OUTPUT LOAD RESISTANCE—LOAD TO GROUND (k
Ω)
0123456789
10
1563 G23
5VP-P, 50kHz
2VP-P, 20kHz
2VP-P, 20kHz
2VP-P, 50kHz
VS = ± 5V
HIGH SPEED MODE
fC = 256kHz
fIN = 20kHz, 50kHz
FREQUENCY (kHz)
1
–60
–70
–80
–90
–100
–110
10
100
1563 G25
DUAL SECOND ORDER
BUTTERWORTH
fC = 25.6kHz
HS OR LP MODE
FREQUENCY (Hz)
1k
10k
100k
1M
1563 G26
–60
–70
–80
–90
–100
–110
DUAL SECOND ORDER
BUTTERWORTH
fC = 256kHz
HIGH SPEED MODE
FREQUENCY (Hz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10k
1M
10M
100M
1563 G24
100k
LTC1563-3
LTC1563-2
fC = 256kHz
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - 15632I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15632 ETC-15632 Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15632 HEYCO-15632 Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
logo
List of Unclassifed Man...
15632B ETC-15632B Datasheet
183Kb / 2P
   HEYClip??Nylon Push Screws
logo
Heyco.
15632B HEYCO-15632B Datasheet
114Kb / 2P
   Nylon Push Screws – HPLP Series
More results

Similar Description - 15632I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
   5th Order Lowpass Filter
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
   Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
   Active Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com