Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1563-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1563-2
Description  Active RC, 4th Order Lowpass Filter Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC1563-2_1 Datasheet HTML 1Page - Linear Technology LTC1563-2_1 Datasheet HTML 2Page - Linear Technology LTC1563-2_1 Datasheet HTML 3Page - Linear Technology LTC1563-2_1 Datasheet HTML 4Page - Linear Technology LTC1563-2_1 Datasheet HTML 5Page - Linear Technology LTC1563-2_1 Datasheet HTML 6Page - Linear Technology LTC1563-2_1 Datasheet HTML 7Page - Linear Technology LTC1563-2_1 Datasheet HTML 8Page - Linear Technology LTC1563-2_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1563-2/LTC1563-3
156323fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain, HS Mode, fC = 25.6kHz
Test Frequency = 2.56kHz (0.1 • fC)
– 0.2
0
0.2
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 12.8kHz (0.5 • fC)
– 0.3
0
0.3
dB
Stopband Gain, HS Mode, fC = 25.6kHz
Test Frequency = 51.2kHz (2 • fC)
– 24
– 21.5
d B
VS = 4.75V, RFIL = 100k
Test Frequency = 102.4kHz (4 • fC)
–48
–46
dB
Passband Gain, HS Mode, fC = 256kHz
Test Frequency = 25.6kHz (0.1 • fC)
– 0.2
0
0.2
dB
VS = 4.75V, RFIL = 10k
Test Frequency = 128kHz (0.5 • fC)
– 0.5
0
0.5
dB
Stopband Gain, HS Mode, fC = 256kHz
Test Frequency = 400kHz (1.56 • fC)
– 15.7
–13.5
dB
VS = 4.75V, RFIL = 10k
Test Frequency = 500kHz (1.95 • fC)
– 23.3
– 21.5
dB
Passband Gain, LP Mode, fC = 25.6kHz
Test Frequency = 2.56kHz (0.1 • fC)
– 0.25
0
0.25
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 12.8kHz (0.5 • fC)
– 0.6
– 0.02
0.6
dB
Stopband Gain, LP Mode, fC = 25.6kHz
Test Frequency = 51.2kHz (2 • fC)
–24
–22
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 102.4kHz (4 • fC)
– 48
– 46.5
dB
LTC1563-3 Transfer Function Characteristics
Cutoff Frequency Range, fC
VS = 3V
0.256
256
kHz
HS Mode
VS = 4.75V
0.256
256
kHz
(Note 2)
VS = ±5V
0.256
256
kHz
Cutoff Frequency Range, fC
VS = 2.7V
0.256
25.6
kHz
LP Mode
VS = 4.75V
0.256
25.6
kHz
(Note 2)
VS = ±5V
0.256
25.6
kHz
Cutoff Frequency Accuracy, HS Mode
VS = 3V, RFIL = 100k
–3
±2
5.5
%
fC = 25.6kHz
VS = 4.75V, RFIL = 100k
–3
±2
5.5
%
VS = ±5V, RFIL = 100k
–3
±2
5.5
%
Cutoff Frequency Accuracy, HS Mode
VS = 3V, RFIL = 10k
–3
±26
%
fC = 256kHz
VS = 4.75V, RFIL = 10k
–3
±26
%
VS = ±5V, RFIL = 10k
–3
±26
%
Cutoff Frequency Accuracy, LP Mode
VS = 2.7V, RFIL = 100k
–4
±37
%
fC = 25.6kHz
VS = 4.75V, RFIL = 100k
–4
±37
%
VS = ±5V, RFIL = 100k
–4
±37
%
Cutoff Frequency Temperature Coefficient
(Note 3)
±1
ppm/
°C
Passband Gain, HS Mode, fC = 25.6kHz
Test Frequency = 2.56kHz (0.1 • fC)
– 0.2
– 0.03
0.2
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 12.8kHz (0.5 • fC)
–1.0
– 0.72
– 0.25
dB
Stopband Gain, HS Mode, fC = 25.6kHz
Test Frequency = 51.2kHz (2 • fC)
–13.6
–10
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 102.4kHz (4 • fC)
– 34.7
– 31
dB
Passband Gain, HS Mode, fC = 256kHz
Test Frequency = 25.6kHz (0.1 • fC)
– 0.2
– 0.03
0.2
dB
VS = 4.75V, RFIL = 10k
Test Frequency = 128kHz (0.5 • fC)
–1.1
– 0.72
– 0.5
dB
Stopband Gain, HS Mode, fC = 256kHz
Test Frequency = 400kHz (1.56 • fC)
– 8.3
– 6
dB
VS = 4.75V, RFIL = 10k
Test Frequency = 500kHz (1.95 • fC)
– 13
–10.5
dB
Passband Gain, LP Mode, fC = 25.6kHz
Test Frequency = 2.56kHz (0.1 • fC)
– 0.2
– 0.03
0.2
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 12.8kHz (0.5 • fC)
–1.0
– 0.72
– 0.25
dB
Stopband Gain, LP Mode, fC = 25.6kHz
Test Frequency = 51.2kHz (2 • fC)
– 13.6
–11
dB
VS = 4.75V, RFIL = 100k
Test Frequency = 102.4kHz (4 • fC)
– 34.7
– 32
dB
Note 1: Absolute Maximum Ratings are those value beyond which the life
of a device may be impaired.
Note 2: The minimum cutoff frequency of the LTC1563 is arbitrarily listed
as 256Hz. The limit is arrived at by setting the maximum resistor value
limit at 10M
Ω. The LTC1563 can be used with even larger valued resistors.
When using very large values of resistance careful layout and thorough
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VS = Single 4.75V, EN pin to logic “low,” Gain = 1, RFIL = R11 = R21 = R31 = R12 = R22 = R32, specifications apply to both the high
speed (HS) and low power (LP) modes unless otherwise noted.
assembly practices are required. There may also be greater DC offset at
high temperatures when using such large valued resistors.
Note 3: The cutoff frequency temperature drift at low frequencies is as
listed. At higher cutoff frequencies (approaching 25.6kHz in low power
mode and approaching 256kHz in high speed mode) the internal
amplifier’s bandwidth can effect the cutoff frequency. At these limits the
cutoff frequency temperature drift is
±15ppm/°C.


Similar Part No. - LTC1563-2_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
More results

Similar Description - LTC1563-2_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
   5th Order Lowpass Filter
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
   Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
   Active Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com