Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALO15B50N-6L Datasheet(PDF) 2 Page - Emerson Network Power

Part # ALO15B50N-6L
Description  High efficiency (96% Typical)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALO15B50N-6L Datasheet(HTML) 2 Page - Emerson Network Power

  ALO15B50N-6L Datasheet HTML 1Page - Emerson Network Power ALO15B50N-6L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Power for
Business-Critical Continuity
Pin Assignments
Single Output
1. +Vin
2. Enable
3. -Vin
4. -Vout
5. +Vout
Notes:
1. 20 MHz bandwidth. External 10 uF tant. capaci-
tor in parallel with 1 uF ceramic capacitor
placed across the output and secondary return
ground.
2. Efficiency measurements are typical values
taken at 48V input, 12V ouput, full load and
TA = 25°C.
3. All specifications are typical at nominal line,
full load and TA = 25°C unless otherwise noted.
4. All specifications subject to change without
notice.
5. Mechanical drawings are for reference only.
Dimensions are in inches [millimeters]. Pin
placement tolerance ± 0.005 [0.127].
Mechanical Tolerance ± 0.02 [0.5]. Pin
diameter,
∅ = 0.06” for Pin 4 (-Vout) and Pin 5
(+Vout), the rest of the pins are
∅ = 0.04”.
6. Technical Reference Notes should be consulted
for detailed information when available.
7. Warranty 1yr.
Mechanical Drawing
Ordering Information
Input
Voltage
Output Voltage
Output Current
Efficiency2
Model Number
36 - 55V
12V
15A
96% Typ
ALO15B50(N)-(6)(L)
Options:
Enable Function
“N” = negative logic enable
without "N" = positive logic enable (default)
Pin Length Option “-6” = 3.7mm (nominal)
Standard pin length is 5mm nominal
RoHS Version
“L” = RoHS Compliant (RoHS 6)
without
“L” = RoHS Compliant with lead (Pb) in solder exemption (RoHS 5)
Rev. 04.02.08
ALO15B50
2 of 2
* This is a Preliminary Data Sheet. Astec Power reserves the right to make changes to the information contained
herein without notice and assumes no liability as a result of its use or application.
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 (760) 930 4600
Facsimile: +1 (760) 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2008 Emerson Electric Co.
EmersonNetworkPower. com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power


Similar Part No. - ALO15B50N-6L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO15B50N-6L ASTEC-ALO15B50N-6L Datasheet
569Kb / 2P
   180 Watts
More results

Similar Description - ALO15B50N-6L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
   High efficiency : 96% (Max)
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
logo
Leshan Radio Company
LR246 LRC-LR246 Datasheet
216Kb / 8P
   OverVoltage Function Fast 1.2MHz Switching Frequency High Efficiency: 85% Typical
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com