Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALO15B50 Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALO15B50
Description  High efficiency (96% Typical)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALO15B50 Datasheet(HTML) 1 Page - Emerson Network Power

  ALO15B50 Datasheet HTML 1Page - Emerson Network Power ALO15B50 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
ALO15B50
180 Watts
Special Features
• High efficiency (96% Typical)
• Industry standard package
8th Brick
0.90” x 2.30" x 0.38"
• High capacitive load limit on
start-up
• Output Enable Pin
• Undervoltage lockout
• Over Temperature Protection
• Meets Basic Insulation
• EU directive 2002/95/EC
compliant for RoHS
Total Power:
180 Watts
Input Voltage: 48V
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range
36V to 55V
Efficiency
96%@ 12V (typical)
Over Voltage Protection
60V typical
Input UVLO
35 to 36V
Output
Output current
0A to 15 max (180W output power)
Line regulation
-25% / +15% Vo, nom
Load regulation
5% Vo (typical)
Noise/ripple1
90mV (typical)
Over current limit
115% IO,MAX typical (autorecovery)
Over temperature protection 125°C average PCB temperature (autorecovery)
Switching frequency
200kHz
Control
Enable
Positive and negative logic options
Isolation Voltage
Input to Output
1500Vdc max
UL, cUL 60950
TUV
EN60950
Rev. 04.02.08
ALO15B50
1 of 2
Operating ambient temperature range
-40°C to +85°C ambient
Storage temperature
-55°C to +125°C
MTBF
>1 million hours
Environmental Specifications


Similar Part No. - ALO15B50

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALO15B50 ASTEC-ALO15B50 Datasheet
569Kb / 2P
   180 Watts
ALO15B50N ASTEC-ALO15B50N Datasheet
569Kb / 2P
   180 Watts
ALO15B50N-6 ASTEC-ALO15B50N-6 Datasheet
569Kb / 2P
   180 Watts
ALO15B50N-6L ASTEC-ALO15B50N-6L Datasheet
569Kb / 2P
   180 Watts
ALO15B50N-L ASTEC-ALO15B50N-L Datasheet
569Kb / 2P
   180 Watts
More results

Similar Description - ALO15B50

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB39C015 CYPRESS-MB39C015 Datasheet
1Mb / 43P
   High efficiency : 96% (Max)
logo
Bel Fuse Inc.
TET1500 BEL-TET1500 Datasheet
1Mb / 26P
   High Efficiency, typ. 96% efficiency at half load
logo
Arch Electronics Corp.
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
   High Efficiency up to 93% Typical
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
   High Efficiency up to 93% Typical
logo
SynQor Worldwide Headqu...
SQ60120QEX25 SYNQOR-SQ60120QEX25 Datasheet
2Mb / 14P
   High efficiency, 96% at full rated load current
logo
Leshan Radio Company
LR246 LRC-LR246 Datasheet
216Kb / 8P
   OverVoltage Function Fast 1.2MHz Switching Frequency High Efficiency: 85% Typical
logo
Recom International Pow...
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
   Efficiency Up To 96%, No Heatsinks Required
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com