Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIF80A300 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AIF80A300
Description  600W Continuous power at 100째C baseplate temperature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AIF80A300 Datasheet(HTML) 2 Page - Emerson Network Power

  AIF80A300 Datasheet HTML 1Page - Emerson Network Power AIF80A300 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2005 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Pin Assignments
Input (AC)
Output (DC)
Control Pins
31. Positive 21. Positive
1. +Sense
32. Negative 22. Positive
2. Temp Mon
23. Positive
3. C Mon
24. Positive
4. C Share
25. Negative
5. Clk Out
26. Negative
6. Clk In
27. Negative
7. PG/ID
28. Negative
8. C Lim Adj
9. OVP Adj
10. V Adj
11. Enable
12. -Sense
Mechanical Drawing
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.astecpower.com
www.artesyn.com
technicalsupport@astec.com
technicalsupport@artesyn.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and dis-
claims
all liability for damages resulting from use of this
information or for any errors or omissions.
Operating temperature
-20°C to +100°C (case temperature)
Start up temperature
-40°C to +100°C (case temperature)
Storage temperature
-40°C to +125°C
Overtemperature protection 110°C max
Environmental Specifications
Ordering Information
Input Voltage Output Voltage Efficiency
Model Number
300V
1.8V @ 120A
80% (Typ)
AIF120Y300
300V
3.3V @ 120A
87% (Typ)
AIF120F300
300V
5.0V @ 80A
90% (Typ)
AIF80A300
300V
12V @ 50A
90% (Typ)
AIF50B300
300V
15V @ 40A
90% (Typ)
AIF40C300
300V
24V @ 25A
90% (Typ)
AIF25H300
1. For Negative enable, add suffix “-N”.
2. For Non-thread hole, add suffix “-NT”.
3. For RoHS 6, add suffix “-L”. Default is RoHS 5.
Rev. 05.23.07
AIF Series
2 of 2


Similar Part No. - AIF80A300

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AIF80A300 ASTEC-AIF80A300 Datasheet
131Kb / 2P
   600 Watts
logo
Artesyn Technologies
AIF80A300 ARTESYN-AIF80A300 Datasheet
523Kb / 3P
   Total Power: 600 Watts
logo
Astec America, Inc
AIF80A300-L/N-L/-NTL ASTEC-AIF80A300-L/N-L/-NTL Datasheet
940Kb / 38P
   DC-DC Converter Module
More results

Similar Description - AIF80A300

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIH EMERSON-NETWORKPOWER-AIH Datasheet
139Kb / 2P
   250W Continuous power at 100째C baseplate temperature
AIF25R48 EMERSON-NETWORKPOWER-AIF25R48 Datasheet
109Kb / 2P
   700W Continuous power at 100째C baseplate temperature
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
   600 W continuous power at 100 째C baseplate temperature
logo
Recom International Pow...
R1S-R1D RECOM-R1S-R1D Datasheet
127Kb / 4P
   Full Power at 100째C Ambient Temperature
R0.25S RECOM-R0.25S Datasheet
128Kb / 4P
   Full Power at 100째C Ambient Temperature
R1S_R1D RECOM-R1S_R1D Datasheet
127Kb / 4P
   Full Power at 100째C Ambient Temperature
logo
Emerson Network Power
AV60C EMERSON-NETWORKPOWER-AV60C Datasheet
301Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
AEH10 EMERSON-NETWORKPOWER-AEH10 Datasheet
462Kb / 2P
   Industry standard pin-out & performance 100째C baseplate temperature (no derating)
logo
Sensitron
SHD125068 SENSITRON-SHD125068 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
SHD125468 SENSITRON-SHD125468 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 100째C Maximum Operation Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com