Electronic Components Datasheet Search |
|
AIF25R48 Datasheet(PDF) 1 Page - Emerson Network Power |
|
AIF25R48 Datasheet(HTML) 1 Page - Emerson Network Power |
1 / 2 page North America (USA): 1-888-41-ASTEC Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662 2 Electrical Specs Special Features 700 Watts AIF25R48 • 700W Continuous power at 100°C baseplate temperature • High efficiency - 89% @ 28V • Low output ripple and noise • Industry standard pin out • Positive and Negative enable function • Excellent transient response • OVP, LVP, OCP,OTP, S/C protection • Paralleable with accurate current sharing • Basic Insulation Environmental Operating temperature -20°C to +100°C (Case temperature) Storage temperature: -55°C to +125°C Overtemperature protection: 120°C max MTBF: TBD hours Input Input range 36 - 75 VDC Input Surge 100V / 100ms Efficiency 89%@28V Output Load Regulation 0.5% typical down to min load Line Regulation 0.2% typical Noise / Ripple 200mV typical Remote sense Up to 0.5V Output voltage adjust range +10%/-20% Transient Response 3% max for deviation with 25% to 50% full load 500 µS (max) recovery Current Share Accuracy 5% typical Overvoltage Protection 140% Vo (max) Current Limit 140% Io (max) Control Voltage Adjust 80 to 110% Vo Enable TTL compatible (positive & negative enable options) Notes Nominal values apply with sense pins connected and other control pin unconnected. Specifications subject to change without notice. Safety UL 60950 Recognized CSA TUV EN60950 Licensed CE CE Mark Total Power: 700 Watts (28V@25Amps) Input Voltages: 48V No. of Outputs: Single |
Similar Part No. - AIF25R48 |
|
Similar Description - AIF25R48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |