Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1555L Datasheet(PDF) 8 Page - Linear Technology

Part # 1555L
Description  SIM Power Supply and Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1555L Datasheet(HTML) 8 Page - Linear Technology

  1555L Datasheet HTML 1Page - Linear Technology 1555L Datasheet HTML 2Page - Linear Technology 1555L Datasheet HTML 3Page - Linear Technology 1555L Datasheet HTML 4Page - Linear Technology 1555L Datasheet HTML 5Page - Linear Technology 1555L Datasheet HTML 6Page - Linear Technology 1555L Datasheet HTML 7Page - Linear Technology 1555L Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LTC1555L
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
1555lf LT/TP 0601 2K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1555L-1.8
SIM Power Supply and Level Translator
VIN = 2.6V to 6V; Interface with 1.8V, 3V and 5V SIMs
LTC1555/LTC1556
SIM Power Supply and Level Translator
VIN = 2.7V to 10V; Step-Up/Step-Down Charge Pump; 3V and 5V VOUT
LTC1755
Smart Card Interface
VIN = 2.7V to 6V; 24-Pin SSOP Package; IQ = 60µA
LTC1756
Smart Card Interface
VIN = 2.7V to 6V; 16-Pin SSOP Package; IQ = 75µA
LTC1986
3V/5V SIM Power Supply in SOT-23
VIN = 2.6V to 4.4V; IQ = 14µA
GSM Cellular Telephone SIM Interface
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CIN
RIN
DATA
DDRV
DVCC
N/C
M1
M0
CLK
RST
I/O
VCC = 3V, 5V
or VIN
IVCC = 10mA
GND
CLK
RST
I/O
VCC
VIN
C1+
C1
GND
0.1
µF
1
µF
LTC1555L
GSM
CONTROLLER
SIM
VIN
2.6V TO 6V
1.425V TO 4.4V
2.2
µF
1555L TA01a
VCC
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
GN Package
16-Lead Plastic SSOP (Narrow 0.150)
(LTC DWG # 05-08-1641)
GN16 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.009
(0.229)
REF


Similar Part No. - 1555L

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1555 ALPHAWIRE-1555 Datasheet
69Kb / 2P
   Customer Specification
logo
List of Unclassifed Man...
1555 ETC2-1555 Datasheet
1Mb / 16P
   Drywall Punch
logo
Alpha Wire
1555 ALPHAWIRE-1555 Datasheet
98Kb / 4P
   Customer Specification
2/16/2023
logo
Heyco.
1555 HEYCO-1555 Datasheet
168Kb / 1P
   Screw to Tab Terminal Blocks
logo
List of Unclassifed Man...
1555.07.06 ETC1-1555.07.06 Datasheet
82Kb / 4P
   ?쁔ight Seal??IP68 Nylon Cable Grips
More results

Similar Description - 1555L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8 Datasheet
150Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L-1.8 LINER-LTC1555L-1.8_15 Datasheet
143Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com