Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1519IS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1519IS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1519IS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1519IS Datasheet HTML 4Page - Linear Technology LTC1519IS Datasheet HTML 5Page - Linear Technology LTC1519IS Datasheet HTML 6Page - Linear Technology LTC1519IS Datasheet HTML 7Page - Linear Technology LTC1519IS Datasheet HTML 8Page - Linear Technology LTC1519IS Datasheet HTML 9Page - Linear Technology LTC1519IS Datasheet HTML 10Page - Linear Technology LTC1519IS Datasheet HTML 11Page - Linear Technology LTC1519IS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1518/LTC1519
Note that due to the increased skew, this configuration
might not operate at the highest data rates. To transmit
single-ended data over short to medium distances, twisted
pair is recommended with the unused wire grounded at
both ends (Figure 7).
Differential Transmission
Data rates up to 52Mbps can be transmitted over 100 feet
of high quality category 5 twisted pair. Figure 8 shows the
LTC1518 receiving differential data from an LTC1685
transceiver. As in the single-ended configurations, care
must be taken to properly terminate the differential data
lines to avoid unwanted reflections, etc.
Figure 7. Medium Distance Single-Ended Transmission
Using a CMOS Driver
Figure 8. LTC1518 Connected to LTC1685
High Speed RS485 Transceiver
+
1/4
LTC1518
LTC1519
10-FT TWISTED PAIR
MC74ACT04
MC74AC04
0.01
µF
100
100
3.3k
5V
5V
1k
1518/19 F07
100
A 1
4
EN
EN
RO
1518/19 F08
1/4 LTC1518
LTC1685
LTC1685
12
3
2 B
7
6
3
2
DE
DI
RO
4
1
100
7
6
3
2
DE
DI
RO
4
1
RE
RE
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1519IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1519 LINER-LTC1519 Datasheet
170Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1519 LINER-LTC1519 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1519CS LINER-LTC1519CS Datasheet
170Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1519 LINER-LTC1519_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
More results

Similar Description - LTC1519IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1519 LINER-LTC1519_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1518 LINER-LTC1518 Datasheet
170Kb / 12P
   52Mbps Precision Delay RS485 Quad Line Receivers
LTC1686 LINER-LTC1686_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1685 LINER-LTC1685_15 Datasheet
191Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1686 LINER-LTC1686 Datasheet
285Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
LTC1685IS8 LINER-LTC1685IS8 Datasheet
173Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1685 LINER-LTC1685 Datasheet
269Kb / 12P
   52Mbps, Precision Delay, RS485 Fail-Safe Transceiver
LTC1687 LINER-LTC1687_15 Datasheet
190Kb / 12P
   52Mbps Precision Delay RS485 Fail-Safe Transceivers
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com