Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCRT5000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCRT5000
Description  Reflective Optical Sensor with Transistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT5000 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCRT5000 Datasheet HTML 1Page - Vishay Siliconix TCRT5000 Datasheet HTML 2Page - Vishay Siliconix TCRT5000 Datasheet HTML 3Page - Vishay Siliconix TCRT5000 Datasheet HTML 4Page - Vishay Siliconix TCRT5000 Datasheet HTML 5Page - Vishay Siliconix TCRT5000 Datasheet HTML 6Page - Vishay Siliconix TCRT5000 Datasheet HTML 7Page - Vishay Siliconix TCRT5000 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TCRT5000(L)
Vishay Telefunken
www.vishay.com
4 (8)
Rev. A4, 03–Jul–00
Document Number 83760
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
100
200
300
0
255075
100
95 11071
Tamb – Ambient Temperature ( °C )
Coupled device
Phototransistor
IR-diode
Figure 3. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 4. Forward Current vs. Forward Voltage
0.6
0.7
0.8
0.9
1.0
1.1
1.2
–30–20–10 0 10 20 30 40 50 60 70 80 90 100
Tamb – Ambient Temperature ( °C )
96 11762
VCE=5V
IF=20mA
Figure 5. Rel. Current Transfer Ratio vs. Ambient Temp.
0.001
0.010
0.100
1.000
10.000
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 11763
VCE=5V
Figure 6. Collector Current vs. Forward Current
0.01
0.10
1.00
10.00
0.1
1.0
10.0
100.0
VCE – Collector Emitter Voltage ( V )
96 11764
IF=50mA
10mA
5mA
2mA
1mA
20mA
Figure 7. Collector Emitter Saturation Voltage vs.
Collector Current
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
96 11765
VCE=5V
Figure 8. Current Transfer Ratio vs. Forward Current


Similar Part No. - TCRT5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCRT5000 VISHAY-TCRT5000 Datasheet
231Kb / 9P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
TCRT5000 VISHAY-TCRT5000 Datasheet
263Kb / 11P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCRT5000 VISHAY-TCRT5000 Datasheet
313Kb / 12P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
TCRT5000 VISHAY-TCRT5000 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCRT5000 VISHAY-TCRT5000 Datasheet
312Kb / 12P
   Reflective Optical Sensor with Transistor Output
01-Jan-2022
More results

Similar Description - TCRT5000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCNT2020 VISHAY-VCNT2020 Datasheet
146Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.1, 19-Jan-18
CNY70 VISHAY-CNY70_08 Datasheet
147Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
TCNT2000 VISHAY-TCNT2000 Datasheet
116Kb / 6P
   Reflective Optical Sensor with Transistor Output
Rev. 1.2, 17-Aug-12
VCNT2025X01 VISHAY-VCNT2025X01 Datasheet
205Kb / 8P
   Reflective Optical Sensor With Transistor Output
01-Jan-2022
TCRT1000 VISHAY-TCRT1000 Datasheet
67Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A3, 27-May-99
TCRT1000 VISHAY-TCRT1000_V01 Datasheet
267Kb / 11P
   Reflective Optical Sensor With Transistor Output
01-Jan-2022
TCRT5000 VISHAY-TCRT5000_09 Datasheet
313Kb / 12P
   Reflective Optical Sensor with Transistor Output
Rev. 1.7, 17-Aug-09
CNY70 VISHAY-CNY70 Datasheet
78Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. A4, 05-Apr-00
TCRT1000 VISHAY-TCRT1000_06 Datasheet
132Kb / 7P
   Reflective Optical Sensor with Transistor Output
Rev. 1.6, 04-Sep-06
CNY70 VISHAY-CNY70_V01 Datasheet
246Kb / 11P
   Reflective Optical Sensor with Transistor Output
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com