Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1514IS8-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1514IS8-5
Description  Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1514IS8-5 Datasheet(HTML) 4 Page - Linear Technology

  LTC1514IS8-5 Datasheet HTML 1Page - Linear Technology LTC1514IS8-5 Datasheet HTML 2Page - Linear Technology LTC1514IS8-5 Datasheet HTML 3Page - Linear Technology LTC1514IS8-5 Datasheet HTML 4Page - Linear Technology LTC1514IS8-5 Datasheet HTML 5Page - Linear Technology LTC1514IS8-5 Datasheet HTML 6Page - Linear Technology LTC1514IS8-5 Datasheet HTML 7Page - Linear Technology LTC1514IS8-5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1514-3.3/LTC1514-5
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1514-5 Step-Up Mode
Load Transient Response
LTC1514-5 Step-Down Mode
Load Transient Response
50mA
0mA
VOUT
AC COUPLED
100mV/DIV
IOUT
50mA/DIV
VIN = 8V, VOUT = 5V, COUT = 10µF, TA = 25°C
1514 G10
VOUT
AC COUPLED
100mV/DIV
IOUT
50mA/DIV
VIN = 3.3V, VOUT = 5V, COUT = 10µF, TA = 25°C
1514 G11
BLOCK DIAGRAM
+
+
650kHz
OSCILLATOR
1.145V
VREF
STEP-UP/STEP-DOWN
CHARGE PUMP
VIN
VOUT
LBI
1514 BD
C1
C1+
SHDN
LBO
GND
SHDN (Pin 1): Shutdown Input. A logic low on the SHDN
pin puts the part into shutdown mode. A logic high
(VSHDN ≥ 1.6V) enables the charge pump regulator. At
high VIN voltages, the SHDN pin may still be controlled
with 3V logic without causing a large rise in VIN quiescent
current. The SHDN pin may not float; connect to VIN if
unused.
PIN FUNCTIONS
LBO (Pin 2): Open-Drain, Low-Battery Comparator Out-
put. This pin will pull low whenever the voltage on the LBI
pin is less than the internal reference voltage (1.145V typ).
LBI (Pin 3): Low-Battery Comparator Input. The voltage
on this pin is compared to the internal reference voltage
(1.145V). The LBO output will sink current when the
voltage on the LBI pin is less than 1.145V typ. The low-


Similar Part No. - LTC1514IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514 LINER-LTC1514 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
LTC1514 LINER-LTC1514 Datasheet
196Kb / 12P
   High Voltage, Low Quiescent Current
logo
Analog Devices
LTC1514 AD-LTC1514 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Linear Technology
LTC1514-3.3 LINER-LTC1514-3.3 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
More results

Similar Description - LTC1514IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1514-5 LINER-LTC1514-5_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1514-3.3 LINER-LTC1514-3.3_15 Datasheet
221Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
LTC1515 LINER-LTC1515_15 Datasheet
219Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
LTC1515 LINER-LTC1515 Datasheet
233Kb / 8P
   Step-Up/Step-Down Switched Capacitor DC/DC Converters with Reset
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com