Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALQ60Y48-6L Datasheet(PDF) 1 Page - Emerson Network Power

Part # ALQ60Y48-6L
Description  High Efficiency Quarter Brick
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

ALQ60Y48-6L Datasheet(HTML) 1 Page - Emerson Network Power

  ALQ60Y48-6L Datasheet HTML 1Page - Emerson Network Power ALQ60Y48-6L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
1
Special Features
Electrical Specs
Special Features
60 Amps
• High efficiency
• Industry standard package 1.45" x 2.30"
• Baseplate (AEQ) or Openframe (ALQ)
construction
• High capacitive load limit on start-up
• Remote sense compensation
• Regulation to zero load
• Fixed frequency switching
• Basic insulation
• EU Directive 2002/95/EC Compliant for RoHS
Input
Input Range
36 to 75 VDC
Input Surge
100V /100ms
Efficiency
> 90%@1.8V (50% to 100% load)
Output
Line Regulation
±0.2%Vo
Load Regulation
±0.2%Vo
Noise/Ripple
25mV typ
Remote sense
Up to 10% of Vo
Transient Response
4% deviation typical
50% to 75% Load change
0.1A/µs Slew Rate
150µs recovery
Overvoltage Protection
125% Vo
Current Limit
115% nominal output
Switching Frequency
480kHz
Control
Voltage Adjust
90 to 110% Vo
Enable
TTL compatible
(Positive or Negative enable options)
Operating temperature range:
-40°C to +85°C ambient (ALQ - Openframe)
-40°C to +105°C baseplate (AEQ - Baseplate)
Storage temperature: -40°C to +125°C
Overtemperature protection: 115°C PCB
temperature (Typical)
MTBF: > 1 million hours
UL,cUL 60950
TUV
EN60950
Environmental
Total Power:
108W
Input Voltages:
48V
No. of Outputs:
Single
Safety
AEQ/ALQ60
High Efficiency Quarter Brick


Similar Part No. - ALQ60Y48-6L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ EMERSON-NETWORKPOWER-ALQ Datasheet
124Kb / 2P
   Quarter brick industry standard outline
ALQ EMERSON-NETWORKPOWER-ALQ Datasheet
1Mb / 3P
   Quarter-Brick Series
logo
Panasonic Battery Group
ALQ PANASONICBATTERY-ALQ Datasheet
86Kb / 5P
   LQ RELAYS
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
ALQ07-D ASTEC-ALQ07-D Datasheet
143Kb / 2P
   7 Amps
More results

Similar Description - ALQ60Y48-6L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
   High Efficiency Quarter Brick
ALQ50 EMERSON-NETWORKPOWER-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick
logo
Astec America, Inc
ALQ50 ASTEC-ALQ50 Datasheet
275Kb / 2P
   High Efficiency Quarter Brick, 50 Amps
logo
Astrodyne Corporation
ASD150-24S5QB ASTRODYNE-ASD150-24S5QB Datasheet
1Mb / 8P
   150 Watt, High Efficiency, Quarter Brick DC/DC Converter
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
   Quarter-Brick
logo
Emerson Network Power
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
   Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
   Quarter-Brick Series
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
   Quarter-Brick Series
AEH09R48N EMERSON-NETWORKPOWER-AEH09R48N Datasheet
547Kb / 2P
   High Efficiency Half Brick
ALQ07-D EMERSON-NETWORKPOWER-ALQ07-D Datasheet
143Kb / 2P
   Dual output Quarter Brick
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com