Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1446I Datasheet(PDF) 7 Page - Linear Technology

Part # 1446I
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1446I Datasheet(HTML) 7 Page - Linear Technology

Back Button 1446I Datasheet HTML 3Page - Linear Technology 1446I Datasheet HTML 4Page - Linear Technology 1446I Datasheet HTML 5Page - Linear Technology 1446I Datasheet HTML 6Page - Linear Technology 1446I Datasheet HTML 7Page - Linear Technology 1446I Datasheet HTML 8Page - Linear Technology 1446I Datasheet HTML 9Page - Linear Technology 1446I Datasheet HTML 10Page - Linear Technology 1446I Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1446/LTC1446L
Resolution (n)
Resolution is defined as the number of digital input bits,
n. It defines the number of DAC output states (2n) that
divide the full-scale range. The resolution does not imply
linearity.
Full-Scale Voltage (VFS)
This is the output of the DAC when all bits are set to one.
Voltage Offset Error (VOS)
The theoretical voltage at the output when the DAC is
loaded with all zeros. The output amplifier can have a true
negative offset, but because the part is operated from a
single supply, the output cannot go below zero. If the
offset is negative, the output will remain near 0V resulting
in the transfer curve shown in Figure 1.
Nominal LSBs:
LTC1446
LSB = 4.095V/4095 = 1mV
LTC1446L LSB = 2.5V/4095 = 0.610mV
Zero Scale Error (ZSE)
The output voltage when the DAC is loaded with all zeros.
Since this is a single supply part this value cannot be less
than 0V.
Integral Nonlinearity (INL)
End-point INL is the maximum deviation from a straight
line passing through the end points of the DAC transfer
curve. Because the part operates from a single supply and
the output cannot go below 0, the linearity is measured
between full scale and the code corresponding to the
maximum offset specification. The INL error at a given
input code is calculated as follows :
INL = [VOUT – VOS – (VFS – VOS)(Code/4095)]/LSB
VOUT= the output voltage of the DAC measured at the given
input code
Differential Nonlinearity (DNL)
DNL is the difference between the measured change and
the ideal 1LSB change between any two adjacent codes.
The DNL error between any two codes is calculated as
follows:
DNL = (
∆VOUT – LSB)/LSB
∆VOUT = The measured voltage difference between two
adjacent codes
Figure 1. Effect of Negative Offset
DAC CODE
1446/46L F01
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
DEFI ITIO S
The offset of the part is measured at the code that corre-
sponds to the maximum offset specification:
VOS = VOUT – [(Code)(VFS)/(2n – 1)]
Least Significant Bit (LSB)
One LSB is the ideal voltage difference between two
successive codes.
LSB = (VFS – VOS)/(2n – 1) = (VFS – VOS)/4095


Similar Part No. - 1446I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1446 VISHAY-1446 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
logo
API Technologies Corp
1446 APITECH-1446 Datasheet
409Kb / 1P
   Medium Power, 7/16 Connectors
logo
TE Connectivity Ltd
144617-1 TEC-144617-1 Datasheet
299Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
144617-1 TEC-144617-1 Datasheet
131Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
1446333 PHOENIX-1446333 Datasheet
571Kb / 18P
   SAC-4P-10,0-PVC/M12FS - Sensor/actuator cable
More results

Similar Description - 1446I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com