Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1446LCS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1446LCS8
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1446LCS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1446LCS8 Datasheet HTML 1Page - Linear Technology LTC1446LCS8 Datasheet HTML 2Page - Linear Technology LTC1446LCS8 Datasheet HTML 3Page - Linear Technology LTC1446LCS8 Datasheet HTML 4Page - Linear Technology LTC1446LCS8 Datasheet HTML 5Page - Linear Technology LTC1446LCS8 Datasheet HTML 6Page - Linear Technology LTC1446LCS8 Datasheet HTML 7Page - Linear Technology LTC1446LCS8 Datasheet HTML 8Page - Linear Technology LTC1446LCS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1446/LTC1446L
1446L G13
TIME (10
µs/DIV)
VOUT
(2V/DIV)
CS/LD
(5V/DIV)
TYPICAL PERFORMANCE CHARACTERISTICS
LTC1446L Supply Current vs Logic
Input Voltage
LOGIC INPUT VOLTAGE (V)
0.5
1.0
1.1
1.2
1446/46L G10
0.9
0.8
1.0
1.5
2.0
2.5
3.0
0.7
0.6
0.5
LTC1446 Supply Current vs
Temperature
TEMPERATURE (
°C)
–55
660
670
680
105
1446/46L G12
650
640
620
–15
25
65
– 35
125
5
45
85
630
700
690
VCC = 3.3V
VCC = 2.7V
VCC = 3V
LTC1446L Supply Current
vs Temperature
PIN FUNCTIONS
CLK: The Serial Interface Clock.
DIN: The Serial Interface Data.
CS/LD: The Serial Interface Enable and Load Control.
When CS/LD is low the CLK signal is enabled, so the data
can be clocked in. When CS/LD is pulled high data is
loaded from the shift register into the DAC registers,
updating the DAC outputs.
DOUT: The output of the shift register which becomes valid
on the rising edge of the serial clock.
GND: Ground.
VOUT A,VOUT B: Buffered DAC Outputs.
VCC: Positive Supply Input.
4.5V
≤ VCC ≤ 5.5V (LTC1446), 2.7V ≤ VCC ≤ 5.5V
(LTC1446L). Requires a 0.1
µF bypass capacitor to
ground.
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105
900
910
930
940
970
1446/46L G11
920
125
950
960
VCC = 5.5V
VCC = 4.5V
VCC = 5V
Large Signal Transient Response


Similar Part No. - LTC1446LCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446LCS8 LINER-LTC1446LCS8 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
More results

Similar Description - LTC1446LCS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com