Electronic Components Datasheet Search |
|
LTC1446 Datasheet(PDF) 5 Page - Linear Technology |
|
LTC1446 Datasheet(HTML) 5 Page - Linear Technology |
5 / 12 page 5 LTC1446/LTC1446L 1446L G13 TIME (10 µs/DIV) VOUT (2V/DIV) CS/LD (5V/DIV) TYPICAL PERFORMANCE CHARACTERISTICS LTC1446L Supply Current vs Logic Input Voltage LOGIC INPUT VOLTAGE (V) 0.5 1.0 1.1 1.2 1446/46L G10 0.9 0.8 1.0 1.5 2.0 2.5 3.0 0.7 0.6 0.5 LTC1446 Supply Current vs Temperature TEMPERATURE ( °C) –55 660 670 680 105 1446/46L G12 650 640 620 –15 25 65 – 35 125 5 45 85 630 700 690 VCC = 3.3V VCC = 2.7V VCC = 3V LTC1446L Supply Current vs Temperature PIN FUNCTIONS CLK: The Serial Interface Clock. DIN: The Serial Interface Data. CS/LD: The Serial Interface Enable and Load Control. When CS/LD is low the CLK signal is enabled, so the data can be clocked in. When CS/LD is pulled high data is loaded from the shift register into the DAC registers, updating the DAC outputs. DOUT: The output of the shift register which becomes valid on the rising edge of the serial clock. GND: Ground. VOUT A,VOUT B: Buffered DAC Outputs. VCC: Positive Supply Input. 4.5V ≤ VCC ≤ 5.5V (LTC1446), 2.7V ≤ VCC ≤ 5.5V (LTC1446L). Requires a 0.1 µF bypass capacitor to ground. TEMPERATURE ( °C) –55 –35 –15 5 25 45 65 85 105 900 910 930 940 970 1446/46L G11 920 125 950 960 VCC = 5.5V VCC = 4.5V VCC = 5V Large Signal Transient Response |
Similar Part No. - LTC1446 |
|
Similar Description - LTC1446 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |