Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1419AIG Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1419AIG
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419AIG Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1419AIG Datasheet HTML 3Page - Linear Technology LTC1419AIG Datasheet HTML 4Page - Linear Technology LTC1419AIG Datasheet HTML 5Page - Linear Technology LTC1419AIG Datasheet HTML 6Page - Linear Technology LTC1419AIG Datasheet HTML 7Page - Linear Technology LTC1419AIG Datasheet HTML 8Page - Linear Technology LTC1419AIG Datasheet HTML 9Page - Linear Technology LTC1419AIG Datasheet HTML 10Page - Linear Technology LTC1419AIG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1419
1419fb
Load Circuits for Access Timing
Load Circuits for Output Float Delay
TEST CIRCUITS
1k
CL
CL
DBN
(A) Hi-Z TO VOH
(B) Hi-Z TO VO
DBN
1k
5V
1419 TC01
1k
100pF
100pF
DBN
(A) VOH TO Hi-Z
(B) VOL TO Hi-Z
DBN
1k
5V
1419 TC02
APPLICATIONS INFORMATION
CONVERSION DETAILS
The LTC1419 uses a successive approximation algorithm
and an internal sample-and-hold circuit to convert an
analog signal to a 14-bit parallel output. The ADC is
complete with a precision reference and an internal clock.
The control logic provides easy interface to microproces-
sors and DSPs (please refer to Digital Interface section for
the data format).
Conversion start is controlled by the CS and CONVST
inputs. At the start of the conversion, the successive
approximation register (SAR) is reset. Once a conversion
cycle has begun, it cannot be restarted.
During the conversion, the internal differential 14-bit
capacitive DAC output is sequenced by the SAR from the
most significant bit (MSB) to the least significant bit (LSB).
Referring to Figure 1, the + AIN and –AIN inputs are con-
nected to the sample-and-hold capacitors (CSAMPLE) dur-
ing the acquire phase and the comparator offset is nulled by
the zeroing switches. In this acquire phase, a minimum
delay of 200ns will provide enough time for the sample-
and-hold capacitors to acquire the analog signal. During
the convert phase, the comparator zeroing switches open,
putting the comparator into compare mode. The input
switches the CSAMPLE capacitors to ground, transferring
the differential analog input charge onto the summing
junction. This input charge is successively compared with
the binary weighted charges supplied by the differential
capacitive DAC. Bit decisions are made by the high speed
comparator. At the end of a conversion, the differential
DAC output balances the + AIN and – AIN input charges.
The SAR contents (a 14-bit data word) which represents
the difference of + AIN and – AIN are loaded into the 14-bit
output latches.
DYNAMIC PERFORMANCE
The LTC1419 has excellent high speed sampling capabil-
ity. FFT (Fast Fourier Transform) test techniques are used
to test the ADC’s frequency response, distortion and noise
at the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using an FFT algo-
rithm, the ADC’s spectral content can be examined for
Figure 1. Simplified Block Diagram
COMP
+CSAMPLE
–CDAC
D13
D0
ZEROING SWITCHES
HOLD
HOLD
+AIN
–AIN
+CDAC
–CSAMPLE
14
1419 F01
+
SAR
OUTPUT
LATCHES
+VDAC
–VDAC
HOLD
HOLD
SAMPLE
SAMPLE


Similar Part No. - LTC1419AIG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419AIG LINER-LTC1419AIG Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1419AIG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com