Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1403ACMSE-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1403ACMSE-1
Description  Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1403ACMSE-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1403ACMSE-1 Datasheet HTML 6Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 7Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 8Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 9Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 10Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 11Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 12Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 13Page - Linear Technology LTC1403ACMSE-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1403-1/LTC1403A-1
14031f
DRIVING THE ANALOG INPUT
The differential analog inputs of the LTC1403-1/LTC1403A-1
are easy to drive. The inputs may be driven differentially or as
a single-ended input (i.e., the AIN– input is set to VCM). Both
differential analog inputs, AIN+ with AIN–, are sampled at the
same instant. Any unwanted signal that is common to both
inputsofeachinputpairwillbereducedbythecommonmode
rejectionofthesample-and-holdcircuit.Theinputsdrawonly
one small current spike while charging the sample-and-hold
capacitors at the end of conversion. During conversion, the
analog inputs draw only a small leakage current. If the source
impedance of the driving circuit is low, then the LTC1403-1/
LTC1403A-1 inputs can be driven directly. As source imped-
ance increases, so will acquisition time. For minimum acqui-
sition time with high source impedance, a buffer amplifier
must be used. The main requirement is that the amplifier
driving the analog input(s) must settle after the small current
spike before the next conversion starts (settling time must be
39ns for full throughput rate). Also keep in mind while
choosing an input amplifier, the amount of noise and har-
monic distortion added by the amplifier.
CHOOSING AN INPUT AMPLIFIER
Choosing an input amplifier is easy if a few requirements are
taken into consideration. First, to limit the magnitude of the
voltage spike seen by the amplifier from charging the sam-
pling capacitor, choose an amplifier that has a low output
impedance(<100
Ω)attheclosed-loopbandwidthfrequency.
For example, if an amplifier is used with a gain of 1 and has
a unity-gain bandwidth of 50MHz, then the output impedance
at 50MHz must be less than 100
Ω. The second requirement
is that the closed-loop bandwidth must be greater than
40MHz to ensure adequate small-signal settling for full
throughput rate. If slower op amps are used, more time for
settling can be provided by increasing the time between
conversions. The best choice for an op amp to drive the
LTC1403-1/LTC1403A-1willdependontheapplication.Gen-
erally, applications fall into two categories: AC applications
where dynamic specifications are most critical and time
domain applications where DC accuracy and settling time are
most critical. The following list is a summary of the op amps
that are suitable for driving the LTC1403-1/LTC1403A-1.
(More detailed information is available in the Linear Technol-
ogy Databooks and our website at www.linear.com.)
LTC
®1566-1: Low Noise 2.3MHz Continuous Time Low-
Pass Filter.
LT1630:Dual 30MHz Rail-to-Rail Voltage FB Amplifier. 2.7V
to
±15V supplies. Very high AVOL, 500µV offset and 520ns
settling to 0.5LSB for a 4V swing. THD and noise are –93dB
to 40kHz and below 1LSB to 320kHz (AV=1,2VP-Pinto1kΩ,
VS = 5V), making the part excellent for AC applications (to
1/3 Nyquist) where rail-to-rail performance is desired. Quad
version is available as LT1631.
LT1632:Dual 45MHz Rail-to-Rail Voltage FB Amplifier. 2.7V
to
±15V supplies. Very high AVOL, 1.5mV offset and 400ns
settling to 0.5LSB for a 4V swing. It is suitable for applica-
tions with a single 5V supply. THD and noise are
–93dB to 40kHz and below 1LSB to 800kHz (AV = 1,
2VP-P into 1kΩ, VS = 5V), making the part excellent for AC
applications where rail-to-rail performance is desired. Quad
version is available as LT1633.
LT1813: Dual 100MHz 750V/
µs 3mA Voltage Feedback
Amplifier. 5V to
±5V supplies. Distortion is –86dB to 100kHz
and –77dB to 1MHz with
±5V supplies (2VP-P into 500Ω).
Excellent part for fast AC applications with
±5V supplies.
LT1801: 80MHz GBWP, –75dBc at 500kHz, 2mA/Amplifier,
8.5nV/
√Hz.
LT1806/LT1807:325MHzGBWP,–80dBcDistortionat5MHz,
Unity-GainStable,R-RInandOut,10mA/Amplifier,3.5nV/
√Hz.
LT1810: 180MHz GBWP, –90dBc Distortion at 5MHz,
Unity-GainStable,R-RInandOut,15mA/Amplifier,16nV/
√Hz.
LT1818/LT1819: 400MHz, 2500V/
µs,9mA,Single/DualVolt-
age Mode Operational Amplifier.
LT6200: 165MHz GBWP, –85dBc Distortion at 1MHz, Unity-
Gain Stable, R-R In and Out, 15mA/Amplifier,
0.95nV/
√Hz.
LT6203: 100MHz GBWP, –80dBc Distortion at 1MHz,
Unity-Gain Stable, R-R In and Out, 3mA/Amplifier,
1.9nV/
√Hz.
LT6600-10: Amplifier/Filter Differential In/Out with 10MHz
Cutoff.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1403ACMSE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403ACMSE LINER-LTC1403ACMSE Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results

Similar Description - LTC1403ACMSE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403 Datasheet
323Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403-1 LINER-LTC1403-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com