Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1391I Datasheet(PDF) 8 Page - Linear Technology

Part # 1391I
Description  8-Channel Analog Multiplexer with Cascadable Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1391I Datasheet(HTML) 8 Page - Linear Technology

Back Button 1391I Datasheet HTML 4Page - Linear Technology 1391I Datasheet HTML 5Page - Linear Technology 1391I Datasheet HTML 6Page - Linear Technology 1391I Datasheet HTML 7Page - Linear Technology 1391I Datasheet HTML 8Page - Linear Technology 1391I Datasheet HTML 9Page - Linear Technology 1391I Datasheet HTML 10Page - Linear Technology 1391I Datasheet HTML 11Page - Linear Technology 1391I Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1391
sn1391 1391fas
TYPICAL APPLICATIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
LTC1391
A
1
2
3
4
8
7
6
5
VCC
CLK
DOUT
CS
VREF
+IN
–IN
GND
LTC1286
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
ANALOG
INPUTS
LTC1391
E
1391 TA04
5V
DATA IN
CS
CLK
0.1
µF BYPASS CAPACITORS FROM
V+ TO GND FOR EACH LTC1391
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
LTC1391
B
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
LTC1391
C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S0
S1
S2
S3
S4
S5
S6
S7
V+
D
V
DOUT
DIN
CS
CLK
GND
LTC1391
D
0.1
µF
ANALOG
INPUTS
ANALOG
INPUTS
ANALOG
INPUTS
ANALOG
INPUTS
DATA
OUT
Daisy-Chaining Five LTC1391s


Similar Part No. - 1391I

ManufacturerPart #DatasheetDescription
logo
Heyco.
13910 HEYCO-13910 Datasheet
133Kb / 1P
   Double D Hole Plugs
logo
Pentair plc. All rights...
13911 PENTAIR-13911 Datasheet
4Mb / 56P
   A minimum of 20 pounds (1.4 bar) of water pressure is required for regeneration valve to operate effectively
logo
Heyco.
13911 HEYCO-13911 Datasheet
133Kb / 1P
   Double D Hole Plugs
logo
TE Connectivity Ltd
139128-000 TEC-139128-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
List of Unclassifed Man...
13915 ETC2-13915 Datasheet
20Kb / 1P
   Item 13915, Size No. 1 Phillips Screwdriver
More results

Similar Description - 1391I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1391 LINER-LTC1391 Datasheet
159Kb / 9P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1391 LINER-LTC1391_15 Datasheet
186Kb / 12P
   8-Channel Analog Multiplexer with Cascadable Serial Interface
LTC1390 LINER-LTC1390_15 Datasheet
168Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
LTC1390 LINER-LTC1390 Datasheet
225Kb / 8P
   8-Channel Analog Multiplexer with Serial Interface
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820 Datasheet
343Kb / 13P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 0; 1/03
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
MAX4820 MAXIM-MAX4820_10 Datasheet
200Kb / 12P
   3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 2; 1/10
logo
Fairchild Semiconductor
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
logo
Linear Technology
LTC1380 LINER-LTC1380 Datasheet
275Kb / 12P
   Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com