Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1386IS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1386IS
Description  3.3V Low Power EIA/TIA562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1386IS Datasheet(HTML) 6 Page - Linear Technology

  LTC1386IS Datasheet HTML 1Page - Linear Technology LTC1386IS Datasheet HTML 2Page - Linear Technology LTC1386IS Datasheet HTML 3Page - Linear Technology LTC1386IS Datasheet HTML 4Page - Linear Technology LTC1386IS Datasheet HTML 5Page - Linear Technology LTC1386IS Datasheet HTML 6Page - Linear Technology LTC1386IS Datasheet HTML 7Page - Linear Technology LTC1386IS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1386
1386fa
Paralleling Power Supply Generator
with Common Storage Capacitors
TYPICAL APPLICATIO S
LTC1386
1
3
0.1µF
16
2
0.1µF
6
0.1µF
0.1µF
4
5
562 OUTPUT
14
7
562 OUTPUT
13
562 INPUT
5k
8
562 INPUT
15
11
10
12
9
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
300k
VCC
300k
VCC
LTC1386 • TA06
LTC1386
1
3
0.1µF
16
VCC = 3.3V
VCC = 3.3V
2
6
0.1µF
4
5
562 OUTPUT
7
562 OUTPUT
13
562 INPUT
5k
562 INPUT
15
11
10
12
9
LOGIC INPUT
LOGIC INPUT
LOGIC OUTPUT
LOGIC OUTPUT
5k
300k
VCC
300k
VCC


Similar Part No. - LTC1386IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1386 LINER-LTC1386 Datasheet
210Kb / 8P
   3.3V Low Power EIA/TIA562 Transceiver
LTC1386 LINER-LTC1386 Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1386 LINER-LTC1386 Datasheet
115Kb / 8P
   3.3V Low Power EIA/TIA562 Transceiver
LTC1386CN LINER-LTC1386CN Datasheet
210Kb / 8P
   3.3V Low Power EIA/TIA562 Transceiver
LTC1386CS LINER-LTC1386CS Datasheet
210Kb / 8P
   3.3V Low Power EIA/TIA562 Transceiver
More results

Similar Description - LTC1386IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1386 LINER-LTC1386_15 Datasheet
115Kb / 8P
   3.3V Low Power EIA/TIA562 Transceiver
LTC1386 LINER-LTC1386 Datasheet
210Kb / 8P
   3.3V Low Power EIA/TIA562 Transceiver
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com