Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1287 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1287
Description  3V Single Chip 12-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287 Datasheet(HTML) 3 Page - Linear Technology

  LTC1287_1 Datasheet HTML 1Page - Linear Technology LTC1287_1 Datasheet HTML 2Page - Linear Technology LTC1287_1 Datasheet HTML 3Page - Linear Technology LTC1287_1 Datasheet HTML 4Page - Linear Technology LTC1287_1 Datasheet HTML 5Page - Linear Technology LTC1287_1 Datasheet HTML 6Page - Linear Technology LTC1287_1 Datasheet HTML 7Page - Linear Technology LTC1287_1 Datasheet HTML 8Page - Linear Technology LTC1287_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1287
3
1287fa
AC CHARACTERISTICS
LTC1287B/LTC1287C
ELECTRICAL C
C
HARA TER STICS
DIGITAL A D
I
DC
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground (unless otherwise
noted).
Note 3: VCC = 3V, VREF = 2.5V, CLK = 500kHz unless otherwise specified.
Note 4: One LSB is equal to VREF divided by 4096. For example, when VREF
= 2.5V, 1LSB = 2.5V/4096 = 0.61mV.
Note 5: Integral nonlinearity error is defined as the deviation of a code
from a straight line passing through the actual endpoints of the transfer
curve. The deviation is measured from the center of the quantization band.
Note 6: Recommended operating conditions.
LTC1287B/LTC1287C
Note 7: Two on-chip diodes are tied to each analog input which will
conduct for analog voltages one diode drop below GND or one diode drop
above VCC. Be careful during testing at low VCC levels, as high level analog
inputs can cause this input diode to conduct, especially at elevated
temperature, and cause errors for inputs near full scale. This spec allows
50mV forward bias of either diode. This means that as long as the analog
input does not exceed the supply voltage by more than 50mV, the output
code will be correct.
Note 8: Channel leakage current is measured after the channel selection.
Note 9: Increased leakage currents at elevated temperatures cause the
S/H to droop, therefore it is recommended that fCLK ≥ 30kHz at 85°C and
fCLK ≥ 3kHz at 25°C.
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
The q denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
thDO
Time Output Data Remains Valid After CLK
50
ns
tf
DOUT Fall Time
See Test Circuits
q
40
100
ns
tr
DOUT Rise Time
See Test Circuits
q
40
100
ns
tWHCLK
CLK High Time
VCC = 3V (Note 6)
600
ns
tWLCLK
CLK Low Time
VCC = 3V (Note 6)
800
ns
tsuCS
Setup Time, CS
↓ Before CLK↑
VCC = 3V (Note 6)
100
ns
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 3V (Note 6)
5.0
µs
tWLCS
CS Low Time During Data Transfer
VCC = 3V (Note 6)
14
CLK Cycles
CIN
Input Capacitance
Analog Inputs On Channel
100
pF
Analog Inputs Off Channel
5
pF
Digital Inputs
5
pF
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 3.6V
q
2.1
V
VIL
Low Level Input Voltage
VCC = 3.0V
q
0.45
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 3.0V, IO = 20µA
2.90
V
IO = 400µA
q
2.7
2.85
V
VOL
Low Level Output Voltage
VCC = 3.0V, IO = 20µA
0.05
V
IO = 400µA
q
0.10
0.3
V
IOZ
High Z Output Leakage
VOUT = VCC, CS High
q
3
µA
VOUT = 0V, CS High
q
–3
µA
ISOURCE
Output Source Current
VOUT = 0V
–10
mA
ISINK
Output Sink Current
VOUT = VCC
9mA
ICC
Positive Supply Current
CS High
q
1.5
5
mA
IREF
Reference Current
VREF = 2.5V
q
10
50
µA


Similar Part No. - LTC1287_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1287_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287 Datasheet
324Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com