Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1266AIS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1266AIS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266AIS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1266AIS Datasheet HTML 6Page - Linear Technology LTC1266AIS Datasheet HTML 7Page - Linear Technology LTC1266AIS Datasheet HTML 8Page - Linear Technology LTC1266AIS Datasheet HTML 9Page - Linear Technology LTC1266AIS Datasheet HTML 10Page - Linear Technology LTC1266AIS Datasheet HTML 11Page - Linear Technology LTC1266AIS Datasheet HTML 12Page - Linear Technology LTC1266AIS Datasheet HTML 13Page - Linear Technology LTC1266AIS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1266
LTC1266-3.3/LTC1266-5
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple which can cause Burst Mode operation to be falsely
triggered. Do not allow the core to saturate!
Kool M
µis a very good, low loss core material for toroids,
with a “soft” saturation characteristic. Molypermalloy is
slightly more efficient at high (> 200kHz) switching fre-
quency. Toroids are very space efficient, especially when
you can use several layers of wire. Because they generally
lack a bobbin, mounting is more difficult. However, new
designs for surface mount are available from Coiltronics
and Beckman Industrial Corp. which do not increase the
height significantly.
Power MOSFET and D1 Selection
Two external power MOSFETs must be selected for use
with the LTC1266 series: either a P-channel MOSFET or an
N-channel MOSFET for the main switch and an N-channel
MOSFET for the synchronous switch. The main selection
criteria for the power MOSFETs are the type of MOSFET,
threshold voltage VGS(TH) and on-resistance RDS(ON).
The cost and maximum output current determine the type
of MOSFET for the topside switch. N-channel MOSFETs
have the advantage of lower cost and lower RDS(ON) at the
expense of slightly increased circuit complexity. For lower
current applications where the losses due to RDS(ON) are
small, a P-channel MOSFET is recommended due to the
lower circuit complexity. However, at load currents in
excess of 3A where the RDS(ON) becomes a significant
portion of the total power loss, an N-channel is strongly
recommended to maximize efficiency.
The maximum output current IMAX determines the RDS(ON)
requirement for the two MOSFETs. When the LTC1266
series is operating in continuous mode, the simplifying
assumption can be made that one of the two MOSFETs is
always conducting the average load current. The duty
cycles for the two MOSFETs are given by:
Topside Duty Cycle =
VOUT
VIN
Bottom-Side Duty Cycle =
VIN – VOUT
VIN
As the operating frequency is increased the gate charge
losses will be higher, reducing efficiency (see Efficiency
Considerations). The complete expression for operating
frequency of the circuit in Figure 1 is given by:
f =
1
tOFF
)
)1– VOUT
VIN
where:
tOFF = 1.3 • 104 • CT
)
)VREG
VOUT
VREG is the desired output voltage (i.e., 5V, 3.3V). VOUT is the
measured output voltage. Thus VREG/VOUT = 1 in regulation.
Once the frequency has been set by CT, the inductor L
must be chosen to provide no more than 25mV/RSENSE
of peak-to-peak inductor ripple current. This results in
a minimum required inductor value of:
LMIN = 5.1 • 105 • RSENSE • CT • VREG
As the inductor value is increased from the minimum
value, the ESR requirements for the output capacitor
are eased at the expense of efficiency. If too small an
inductor is used, the inductor current will decrease past
zero and change polarity. A consequence of this is that
the LTC1266 series may not enter Burst Mode operation
and efficiency will be slightly degraded at low currents.
Inductor Core Selection
Once the minimum value for L is known, the type of
inductor must be selected. The highest efficiency will be
obtained using ferrite, Kool M
µ® on molypermalloy (MPP)
cores. Lower cost powdered iron cores provide suitable
performance but cut efficiency by 3% to 7%. Actual core
loss is independent of core size for a fixed inductor value,
but it is very dependent on inductance selected. As induc-
tance increases, core losses go down. Unfortunately,
increased inductance requires more turns of wire and
therefore copper losses increase.
Ferrite designs have very low core loss, so design goals
can concentrate on copper loss and preventing satura-
tion. Ferrite core material saturates “hard,” which means
that inductance collapses abruptly when the peak design
Kool M
µ is a registered trademark of Magnetics, Inc.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1266AIS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266ACS LINER-LTC1266ACS Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results

Similar Description - LTC1266AIS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com