Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1264-7CJ Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1264-7CJ
Description  Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264-7CJ Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1264-7CJ Datasheet HTML 2Page - Linear Technology LTC1264-7CJ Datasheet HTML 3Page - Linear Technology LTC1264-7CJ Datasheet HTML 4Page - Linear Technology LTC1264-7CJ Datasheet HTML 5Page - Linear Technology LTC1264-7CJ Datasheet HTML 6Page - Linear Technology LTC1264-7CJ Datasheet HTML 7Page - Linear Technology LTC1264-7CJ Datasheet HTML 8Page - Linear Technology LTC1264-7CJ Datasheet HTML 9Page - Linear Technology LTC1264-7CJ Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1264-7
12647fa
6
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Passband Gain vs fCLK
Passband Gain vs fCLK
Passband Gain vs fCLK at 85°C
Gain vs Frequency
Gain vs Frequency
Passband Gain vs fCLK at 85°C
Passband Gain vs fCLK
Maximum Passband vs
Temperature
Gain vs fCLK
FREQUENCY (kHz)
10
–5
–3
–1
1
3
100
1000
1264-7 G08
–4
–2
0
2
4
A
D
C
E
VS = ±7.5V
(fCLK/fC) = 25:1
TA = 25°C
5
B
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
E. fCLK = 5MHz
FREQUENCY (kHz)
10
–5
–3
–1
1
3
100
1000
1264-7 G09
–4
–2
0
2
4
D E
VS = ±7.5V
(fCLK/fC) = 50:1
TA = 25°C
5
B
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
D. fCLK = 4MHz
E. fCLK = 5MHz
A
C
FREQUENCY (kHz)
10
–5
–3
–1
1
3
100
1000
1264-7 G10
–4
–2
0
2
4
A
VS = ±7.5V
(fCLK/fC) = 25:1
5
B
A. fCLK = 4MHz
B. fCLK = 5MHz
FREQUENCY (kHz)
10
–5
–3
–1
1
3
100
1000
1264-7 G11
–4
–2
0
2
4
A
VS = ±5V
(fCLK/fC) = 25:1
5
C
A. fCLK = 1MHz
B. fCLK = 2MHz
C. fCLK = 3MHz
B
FREQUENCY (kHz)
10
–90
–70
–50
–30
–10
100
1000
1264-7 G12
–80
–60
–40
–20
0
10
VS = ±7.5V
fCLK = 5MHz
(fCLK/fC) = 25:1
TA = 25°C
FREQUENCY (kHz)
10
–90
–70
–50
–30
–10
100
1000
1264-7 G13
–80
–60
–40
–20
0
10
VS = ±5V
fCLK = 3MHz
(fCLK/fC) = 25:1
TA = 25°C
FREQUENCY (kHz)
10
–30
–10
1264-7 G14
–50
–70
–90
100
–40
–20
0
–60
–80
A
C
200
10
VS = SINGLE 5V
(fCLK/fC) = 25:1
AGND = 2V
TA = 25°C
B
A. fCLK = 0.5MHz
B. fCLK = 1MHz
C. fCLK = 2MHz
FREQUENCY (kHz)
10
1
3
1264-7 G15
–1
–3
–5
100
0
2
4
–2
–4
A
200
5
VS = SINGLE 5V
(fCLK/fC) = 25:1
AGND = 2V
TA = 25°C
B
C
D
A. fCLK = 0.5MHz
B. fCLK = 1.0MHz
C. fCLK = 1.5MHz
D. fCLK = 2.0MHz
FREQUENCY (kHz)
1
–5
–3
–2
1
10
100
1264-7 G16
–4
–1
0
2
VS = SINGLE 5V
fCLK = 2MHz
(fCLK/fC) = 25:1
AGND = 2V
A
A. TA = 70°C
B. TA = –40°C
B


Similar Part No. - LTC1264-7CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7CJ LINER-LTC1264-7CJ Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results

Similar Description - LTC1264-7CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com