Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1264-7 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1264-7
Description  Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1264-7 Datasheet(HTML) 5 Page - Linear Technology

  LTC1264-7_1 Datasheet HTML 1Page - Linear Technology LTC1264-7_1 Datasheet HTML 2Page - Linear Technology LTC1264-7_1 Datasheet HTML 3Page - Linear Technology LTC1264-7_1 Datasheet HTML 4Page - Linear Technology LTC1264-7_1 Datasheet HTML 5Page - Linear Technology LTC1264-7_1 Datasheet HTML 6Page - Linear Technology LTC1264-7_1 Datasheet HTML 7Page - Linear Technology LTC1264-7_1 Datasheet HTML 8Page - Linear Technology LTC1264-7_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1264-7
12647fa
5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain vs Frequency
Phase Factor vs fCLK
(Typical Unit)
Phase Factor vs fCLK
(Typical Unit)
Passband Gain and Phase
Passband Gain and Phase
Phase Factor vs fCLK (Min and
Max Representative Units)
Phase Factor vs fCLK (Min and
Max Representative Units)
FREQUENCY (kHz)
1
–50
–40
–30
–20
–10
10
100
1000
1264-7 G01
–60
–70
–90
0
–80
VS = ±7.5V
fCLK = 1MHz
TA = 25°C
50:1
25:1
10
–100
fCLK (MHz)
0
390
400
420
430
440
460
1264-7 G02
410
450
2
5
1
3
4
0
°C
25
°C
VS = ±7.5V
(fCLK/fC) = 25:1
70
°C
fCLK (MHz)
0
390
400
380
420
430
450
1264-7 G03
410
440
2
5
1
34
370
0
°C
25
°C
VS = ±7.5V
(fCLK/fC) = 50:1
70
°C
fCLK (MHz)
0
395
405
420
425
440
450
1264-7 G04
415
445
2
5
34
435
430
410
400
VS = ±7.5V
(fCLK/fC) = 25:1
TA = 25°C
1
fCLK (MHz)
0
395
400
405
410
415
425
0.5
1.0
1.5
2.0
1264-7 G05
2.5
3.0
420
VS = ±5V
(fCLK/fC) = 25:1
TA = 25°C
FREQUENCY (kHz)
20
–1
0
100
1264-7 G06
–3
–5
30
60
80
0
90
–90
–180
10
3
2
1
–2
–4
–6
–7
–225
–270
–135
–45
45
135
180
40
50
70
90
110
GAIN
PHASE
VS = ±7.5V
fCLK = 2.5MHz
fC = 100kHz
(fCLK/fC) = 25:1
FREQUENCY (kHz)
10
–1
0
50
1264-7 G07
–3
–5
15
30
40
0
90
–90
–180
5
3
2
1
–2
–4
–6
–7
–225
–270
–135
–45
45
135
180
20
25
35
45
55
PHASE
GAIN
VS = ±7.5V
fCLK = 2.5MHz
fC = 50kHz
(fCLK/fC) = 50:1


Similar Part No. - LTC1264-7_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results

Similar Description - LTC1264-7_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com