Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S849T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # S849T
Description  MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S849T Datasheet(HTML) 6 Page - Vishay Siliconix

  S849T Datasheet HTML 1Page - Vishay Siliconix S849T Datasheet HTML 2Page - Vishay Siliconix S849T Datasheet HTML 3Page - Vishay Siliconix S849T Datasheet HTML 4Page - Vishay Siliconix S849T Datasheet HTML 5Page - Vishay Siliconix S849T Datasheet HTML 6Page - Vishay Siliconix S849T Datasheet HTML 7Page - Vishay Siliconix S849T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
S849T/S849TR
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
6 (8)
Document Number 85051
VDS = 8 V, ID = 10 mA, VG2S = 4 V , Z0 = 50 W
S11
12 948
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
50
300
800
1300MHz
Figure 9. Input reflection coefficient
S21
0
°
90
°
–90
°
1.0
2.0
–150
°
–120
°
–60
°
–30
°
120
°
60
°
30
°
12 950
50
1300MHz
300
550
800
1050
Figure 10. Forward transmission coefficient
S12
0
°
90
°
180
°
–90
°
0.008
0.016
–150
°
–120
°
–60
°
–30
°
120
°
60
°
30
°
12 949
50
1300MHz
300
550
1050
Figure 11. Reverse transmission coefficient
S22
12 951
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
50
1300MHz
550
1050
Figure 12. Output reflection coefficient


Similar Part No. - S849T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S84-11 ETC2-S84-11 Datasheet
502Kb / 2P
   CLASS 2 TRANSFORMERS ??ENERGY LIMITING
S841 ETC2-S841 Datasheet
249Kb / 2P
   ENTERPRISE SOLID-STATE DRIVES
logo
Roithner LaserTechnik G...
S8410MG ROITHNER-S8410MG Datasheet
340Kb / 5P
   Infrared Laser Diode
logo
Solid State Optronic
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
S842 SSOUSA-S842 Datasheet
166Kb / 4P
   1 Form A Solid State Relay
More results

Similar Description - S849T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S886T VISHAY-S886T Datasheet
135Kb / 8P
   MOSMIC for TV-Tuner Prestage with 12 V Supply Voltage
Rev. 3, 20-Jan-99
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
S974T VISHAY-S974T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S594T VISHAY-S594T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S904T VISHAY-S904T Datasheet
77Kb / 4P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S949T VISHAY-S949T Datasheet
194Kb / 9P
   MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Rev. 3, 20-Jan-99
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 21-Oct-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com