Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S822TW Datasheet(PDF) 4 Page - Vishay Siliconix

Part # S822TW
Description  Silicon NPN Planar RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S822TW Datasheet(HTML) 4 Page - Vishay Siliconix

  S822TW Datasheet HTML 1Page - Vishay Siliconix S822TW Datasheet HTML 2Page - Vishay Siliconix S822TW Datasheet HTML 3Page - Vishay Siliconix S822TW Datasheet HTML 4Page - Vishay Siliconix S822TW Datasheet HTML 5Page - Vishay Siliconix S822TW Datasheet HTML 6Page - Vishay Siliconix S822TW Datasheet HTML 7Page - Vishay Siliconix S822TW Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S822T/S822TW/S822TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
4 (8)
Document Number 85050
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
10
20
30
40
50
0
25
50
75
100
125
150
Tamb – Ambient Temperature ( °C )
13619
Figure 1.. Total Power Dissipation vs.
Ambient Temperature
0
1000
2000
3000
4000
5000
6000
7000
012
345
IC – Collector Current ( mA )
13620
f=500MHz
VCE=1V
2V
3V
Figure 2.. Transition Frequency vs. Collector Current
0
0.1
0.2
0.3
0.4
0.5
012
345
VCB – Collector Base Voltage ( V )
13621
Figure 3.. Collector Base Capacitance vs.
Collector Base Voltage


Similar Part No. - S822TW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S822TW VISHAY-S822TW Datasheet
287Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
More results

Similar Description - S822TW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com