Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1235CSW-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1235CSW-TRPBF
Description  Microprocessor Supervisory Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CSW-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC1235CSW-TRPBF Datasheet HTML 1Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 2Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 3Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 4Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 5Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 6Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 7Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 8Page - Linear Technology LTC1235CSW-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC1235
5
1235fa
TYPICAL PERFORMANCE CHARACTERISTICS
RESET Output Voltage vs
SupplyVoltage
Reset Active Time vs
Temperature
Reset Voltage Threshold vs
Temperature
Power Fail Comparator
Response Time
Power Fail Comparator
Response Time
Power Fail Comparator Response
Time with Pullup Resistor
VOUT vs IOUT
VOUT vs IOUT
Power Failure Input Threshold
vs Temperature
LOAD CURRENT (mA)
0
4.90
4.95
5.00
40
1235 G01
4.85
4.80
4.75
10
20
30
50
SLOPE = 5Ω
VCC = 5V
VBATT = 2.8V
TA = 25°C
LOAD CURRENT (μA)
0
2.76
2.78
400
1235 G02
2.74
2.72
100
200
300
500
2.80
BACKUP MODE
SELECTED
VCC = 0V
VBATT = 2.8V
TA = 25°C
SLOPE = 125Ω
TEMPERATURE (
˚C)
–50
1.304
1.306
1.308
25
75
1235 G03
1.302
1.300
–25
0
50
100
125
1.298
1.296
1.294
VCC = 5V
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
TA = 25°C
EXTERNAL PULLUP = 10μA
VBATT = 0V
1235 G04
TEMPERATURE (
°C)
–50
216
224
232
25
75
1235 G05
208
200
–25
0
50
100
125
192
184
VCC = 5V
TEMPERATURE (
°C)
–50
4.64
4.65
4.66
25
75
1235 G06
4.63
4.62
–25
0
50
100
125
4.61
4.60
TIME (μs)
0
4
5
6
4
1235 G07
3
2
0
12
3
5
1
1.305V
1.285V
8
7
6
VCC = 5V
TA = 25°C
+
VPFI
1.3V
PFO
30pF
VPFI = 20mV STEP
TIME (μs)
0
4
5
6
40
1235 G08
3
2
0
20
60
1
1.315V
1.295V
120
100
80
VPFI = 20mV STEP
180
160
140
VCC = 5V
TA = 25°C
+
VPFI
1.3V
PFO
30pF
TIME (μs)
0
4
5
6
4
1235 G09
3
2
0
2
6
1
1.315V
1.295V
12
10
8
VPFI = 20mV STEP
18
16
14
VCC = 5V
TA = 25°C
+
VPFI
1.3V
PFO
30pF
10k
+5V


Similar Part No. - LTC1235CSW-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235CS LINER-LTC1235CS Datasheet
295Kb / 16P
   Microprocessor Supervisory Circuit
More results

Similar Description - LTC1235CSW-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com