Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1196-2ACS8-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1196-2ACS8-TRPBF
Description  8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196-2ACS8-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1196-2ACS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 12Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 13Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 14Page - Linear Technology LTC1196-2ACS8-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC1196/LTC1198
11
119698fa
TYPICAL PERFORMANCE CHARACTERISTICS
Spurious-Free Dynamic Range
vs Frequency
Output Amplitude vs
Input Frequency
INPUT FREQUENCY (Hz)
1k
10M
1196/98 G34
10k
100k
1M
100
80
60
40
20
0
VREF = VCC = 2.7V
VREF = VCC = 5V
FREQUENCY (Hz)
1k
70
60
50
40
30
20
10
0
1M
1196/98 G35
10k
100k
10M
TA = 25°C
VCC = 3V
fCLK = 5MHz
VCC = 5V
fCLK = 12MHz
PIN FUNCTIONS
LTC1196
CS (Pin 1): Chip Select Input. A logic low on this input
enables the LTC1196. A logic high on this input disables
the LTC1196.
IN+ (Pin 2):
Analog Input. This input must be free of noise
with respect to GND.
IN(Pin 3):
Analog Input. This input must be free of noise
with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
VREF (Pin 5): Reference Input. The reference input defines
the span of the A/D converter and must be kept free of
noise with respect to GND.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the se-
rial data transfer.
VCC(Pin8):PowerSupplyVoltage.Thispinprovidespower
to the A/D converter. It must be kept free of noise and ripple
by bypassing directly to the analog ground plane.
LTC1198
CS/SHUTDOWN (Pin 1): Chip Select Input. A logic low
on this input enables the LTC1198. A logic high on this
input disables the LTC1198 and disconnects the power
to THE LTC1198.
CHO (Pin 2): Analog Input. This input must be free of
noise with respect to GND.
CH1 (Pin 3): Analog Input. This input must be free of noise
with respect to GND.
GND (Pin 4): Analog Ground. GND should be tied directly
to an analog ground plane.
DIN (Pin 5): Digital Data Input. The multiplexer address is
shifted into this input.
DOUT (Pin 6): Digital Data Output. The A/D conversion
result is shifted out of this output.
CLK (Pin 7): Shift Clock. This clock synchronizes the se-
rial data transfer.
VCC (VREF)(Pin 8): Power Supply and Reference Voltage.
This pin provides power and defines the span of the A/D
converter. It must be kept free of noise and ripple by by-
passing directly to the analog ground plane.


Similar Part No. - LTC1196-2ACS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196-2ACS8 LINER-LTC1196-2ACS8 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1196-2ACS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com