Electronic Components Datasheet Search |
|
LTC1196-1BCS8-TRPBF Datasheet(PDF) 4 Page - Linear Technology |
|
LTC1196-1BCS8-TRPBF Datasheet(HTML) 4 Page - Linear Technology |
4 / 28 page LTC1196/LTC1198 4 119698fa DIGITAL AND DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOL Low Level Output Voltage VCC = 4.75V, IO = 1.6mA l 0.4 V IOZ Hi-Z Output Leakage CS = High l ±3 μA ISOURCE Output Source Current VOUT = 0V –25 mA ISINK Output Sink Current VOUT = VCC 45 mA IREF Reference Current, LTC1196 CS = VCC fSMPL = fSMPL(MAX) l l 0.001 0.5 3 1 μA mA ICC Supply Current CS = VCC, LTC1198 (Shutdown) CS = VCC, LTC1196 fSMPL = fSMPL(MAX), LTC1196/LTC1198 l l l 0.001 7 11 3 15 20 μA mA mA DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN LTC1196 TYP MAX MIN LTC1198 TYP MAX UNITS S/(N + D) Signal-to-Noise Plus Distortion 500kHz/1MHz Input Signal 47/45 47/45 dB THD Total Harmonic Distortion 500kHz/1MHz Input Signal 49/47 49/47 dB Peak Harmonic or Spurious Noise 500kHz/1MHz Input Signal 55/48 55/48 dB IMD Intermodulation Distortion fIN1 = 499.37kHz fIN2 = 502.446kHz 51 51 dB Full-Power Bandwidth 8 8 MHz Full Linear Bandwidth [S/(N + D) > 44dB 1 1 MHz AC CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VREF = 5V, fCLK = fCLK(MAX) as defined in Recommended Operating Conditions, unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN LTC1196-1 LTC1198-1 TYP MAX MIN LTC1196-2 LTC1198-2 TYP MAX UNITS tCONV Conversion Time (See Figures 1, 2) l 600 710 710 900 ns ns fSMPL(MAX) Maximum Samping Frequency LTC1196 LTC1196 LTC1198 LTC1198 l l 1.20 1.00 0.90 0.75 1.00 0.80 0.75 0.60 MHz MHz MHz MHz tdDO Delay Time, CLK ↑ to DOUT Data Valid CLOAD = 20pF l 55 64 73 68 78 94 ns ns tDIS Delay Time CS ↑ to DOUT Hi-Z l 70 120 88 150 ns ten Delay Time, CLK ↓ to DOUT Enabled CLOAD = 20pF l 30 50 43 63 ns thDO Time Output Data Remains Valid After CLK ↑ CLOAD = 20pF l 30 45 30 55 ns tf DOUT Fall Time CLOAD = 20pF l 515 10 20 ns tr DOUT Rise CLOAD = 20pF l 515 10 20 ns CIN Input Capacitance Analog Input On Channel Analog Input Off Channel Digital Input 30 5 5 30 5 5 pF pF pF |
Similar Part No. - LTC1196-1BCS8-TRPBF |
|
Similar Description - LTC1196-1BCS8-TRPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |