Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S595T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S595T
Description  MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S595T Datasheet(HTML) 2 Page - Vishay Siliconix

  S595T Datasheet HTML 1Page - Vishay Siliconix S595T Datasheet HTML 2Page - Vishay Siliconix S595T Datasheet HTML 3Page - Vishay Siliconix S595T Datasheet HTML 4Page - Vishay Siliconix S595T Datasheet HTML 5Page - Vishay Siliconix S595T Datasheet HTML 6Page - Vishay Siliconix S595T Datasheet HTML 7Page - Vishay Siliconix S595T Datasheet HTML 8Page - Vishay Siliconix S595T Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number 85049
Rev. 1.6, 02-May-05
S595T / S595TR / S595TRW
Vishay Semiconductors
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
μm Cu
Electrical DC Characteristics
Tamb = 25 °C, unless otherwise specified
Caution for Gate 1 switch-off mode:
No external DC-voltage on Gate 1 in active mode!
Switch-off at Gate 1 with VG1S < 0.7 V is feasible.
Using open collector switching transistor (inside of PLL), insert 10 k
Ω collector resistor.
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
VDS = 5 V, VG2S = 4 V, ID= IDSP , f = 1 MHz
Parameter
Test condition
Symbol
Value
Unit
Drain - source voltage
VDS
8V
Drain current
ID
30
mA
Gate 1/Gate 2 - source peak
current
± IG1/G2SM
10
mA
Gate 1/Gate 2 - source voltage
± VG1/G2SM
6V
Total power dissipation
Tamb ≤ 60 °C
Ptot
200
mW
Channel temperature
TCh
150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Channel ambient
1)
RthChA
450
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Gate 1 - source breakdown
voltage
± IG1S = 10 mA, VG2S = VDS = 0 ± V(BR)G1SS
710
V
Gate 2 - source breakdown
voltage
± IG2S = 10 mA, VG1S = VDS = 0 ± V(BR)G2SS
710
V
Gate 1 - source leakage current + VG1S = 5 V, VG2S = VDS = 0
+ IG1SS
50
μA
- VG1S = 5 V, VG2S = VDS = 0
- IG1SS
100
μA
Gate 2 - source leakage current ± VG2S = 5 V, VG1S = VDS = 0
± IG2SS
20
nA
Drain current
VDS = 5 V, VG1S = 0, VG2S = 4 V
IDSS
50
500
μA
Self-biased operating current
VDS = 5 V, VG1S = nc, VG2S = 4 V
IDSP
913
18
mA
Gate 2 - source cut-off voltage
VDS = 5 V, VG1S = nc, ID = 20 μAVG2S(OFF)
1.0
V
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward transadmittance
|y21s|
283035
mS
Gate 1 input capacitance
Cissg1
2.3
2.7
pF
Feedback capacitance
Crss
25
fF
Output capacitance
Coss
1.1
pF
Power gain
GS = 2 mS, GL = 0.5 mS,
f = 200 MHz
Gps
28
dB
GS = 3,3 mS, GL = 1 mS,
f = 800 MHz
Gps
17
20
dB


Similar Part No. - S595T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S595T VISHAY-S595T Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.7, 08-Sep-08
S595TR VISHAY-S595TR Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.7, 08-Sep-08
S595TRW VISHAY-S595TRW Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.7, 08-Sep-08
S595TX VISHAY-S595TX Datasheet
287Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
S595TXR VISHAY-S595TXR Datasheet
287Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
More results

Similar Description - S595T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S594T VISHAY-S594T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S506TY VISHAY-S506TY Datasheet
115Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1, 21-Oct-02
S503T VISHAY-S503T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S503TX VISHAY-S503TX Datasheet
149Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 30-Aug-04
S593T VISHAY-S593T Datasheet
156Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S505T VISHAY-S505T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com