Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1196-2ACS8-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1196-2ACS8-PBF
Description  8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196-2ACS8-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC1196-2ACS8-PBF Datasheet HTML 1Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 2Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 3Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 4Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 5Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 6Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 7Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 8Page - Linear Technology LTC1196-2ACS8-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC1196/LTC1198
1
119698fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
8-Bit, SO-8, 1Msps ADCs
with Auto-Shutdown Options
Single 5V Supply, 1Msps, 8-Bit Sampling ADC
n High Speed Data Acquisition
n Disk Drives
n Portable or Compact Instrumentation
n Low Power or Battery-Operated Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
n High Sampling Rates: 1MHz (LTC1196)
750kHz (LTC1198)
n Low Cost
n Single Supply 3V and 5V Specifications
n Low Power: 10mW at 3V Supply
50mW at 5V Supply
n Auto-Shutdown: 1nA Typical (LTC1198)
n ±1/2LSB Total Unadjusted Error over Temperature
n 3-Wire Serial I/O
n 1V to 5V Input Span Range (LTC1196)
n Converts 1MHz Inputs to 7 Effective Bits
n Differential Inputs (LTC1196)
n 2-Channel MUX (LTC1198)
n SO-8 Plastic Package
The LTC
®1196/LTC1198 are 600ns, 8-bit A/D converters
with sampling rates up to 1MHz. They are offered in 8-pin
SO packages and operate on 3V to 6V supplies. Power
dissipation is only 10mW with a 3V supply or 50mW with
a 5V supply. The LTC1198 automatically powers down to a
typical supply current of 1nA whenever it is not performing
conversions. These 8-bit switched-capacitor successive
approximation ADCs include sample-and-holds. The
LTC1196 has a differential analog input; the LTC1198 of-
fers a software selectable 2-channel MUX.
The 3-wire serial I/O, SO-8 packages, 3V operation and
extremely high sample rate-to-power ratio make these
ADCs an ideal choice for compact, high speed systems.
These ADCs can be used in ratiometric applications or
with external references. The high impedance analog in-
puts and the ability to operate with reduced spans below
1V full scale (LTC1196) allow direct connection to signal
sources in many applications, eliminating the need for
gain stages.
The A grade devices are specified with total unadjusted
error of ±1/2LSB maximum over temperature.
Effective Bits and S/(N + D) vs Input Frequency
INPUT FREQUENCY (Hz)
1k
8
7
6
5
4
3
2
1
0
10k
100k
1M
1196/98 G24
50
44
VREF =VCC = 2.7V
fSMPL = 383kHz (LTC1196)
fSMPL = 287kHz (LTC1198)
VREF =VCC = 5V
fSMPL = 1MHz (LTC1196)
fSMPL = 750kHz (LTC1198)
TA = 25°C
5V
1μF
ANALOG INPUT
0V TO 5V RANGE
1196/98 TA01
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP,
OR SHIFT REGISTERS
–IN
GND
VCC
CLK
DOUT
+IN
CS
1
2
3
4
8
7
6
5
LTC1196
VREF


Similar Part No. - LTC1196-2ACS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1196-2ACS8 LINER-LTC1196-2ACS8 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1196-2ACS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com