Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W04MG Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # W04MG
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

W04MG Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  W04MG Datasheet HTML 1Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
Surge overload rating -50 amperes peak
Ldeal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
Mounting Position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
W005G
W01G
W02G
W04G
W06G
W08G
W10G
W005MG W01MG W02MG W04MG W06MG W08MG W10MG
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=25℃
Peak Forward Surge Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Maximum Forward Voltage Drop Per Element
at 1.5A Peak
Maximum Reverse Current at Rated
TJ=25℃
μA
DC Blocking Voltage
TJ=100℃
mA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
CHARACTERISTICS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
I(AV)
1.5
WOXG/WOXMG SERIES
GLASS PASSIVATED
BRIDGE RECTIFIERS
5.0
50
Dimensions in inches and (millimeters)
IFSM
A
SYMBOL
UNIT
A
~ 398 ~
10.0
1.0
1.1
V
VF
-55 to +150
IR
-55 to +150
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)


Similar Part No. - W04MG

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
W04MG JGD-W04MG Datasheet
124Kb / 2P
   MINIATURE SINGLE PHASE 1.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
W04MG BILIN-W04MG Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
W04MG SECOS-W04MG Datasheet
202Kb / 2P
   1.5AMP Single Phase Bridge Rectifiers
logo
HY ELECTRONIC CORP.
W04MG HY-W04MG Datasheet
369Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Comchip Technology
W04MG-G COMCHIP-W04MG-G Datasheet
98Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - W04MG

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com