Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H08A60 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # H08A60
Description  HIGH EFFICIENCY RECTIFIERS(8A,300-600V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

H08A60 Datasheet(HTML) 2 Page - Mospec Semiconductor

  H08A60 Datasheet HTML 1Page - Mospec Semiconductor H08A60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - H08A60

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
H08A60PT CHENMKO-H08A60PT Datasheet
97Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - H08A60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U08A30 MOSPEC-U08A30 Datasheet
134Kb / 2P
   FAST RECTIFIERS(8A,300-600V)
H30D30 MOSPEC-H30D30 Datasheet
144Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(30A,300-600V)
H16C30 MOSPEC-H16C30 Datasheet
147Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(16A,300-600V)
F08A30 MOSPEC-F08A30 Datasheet
130Kb / 2P
   FAST RECOVERY RECRIFIERS(8A,300-600V)
logo
KODENSHI_AUK CORP.
SF8A600H KODENSHI-SF8A600H Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF8A600H-1 KODENSHI-SF8A600H-1 Datasheet
285Kb / 5P
   600V, 8A ULTRAFAST RECOVERY RECTIFIERS
logo
Shindengen Electric Mfg...
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
   Super Fast Recovery Rectifiers(600V 8A)
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
   Super Fast Recovery Rectifiers(600V 8A)
logo
Chongqing Pingwei Enter...
MUR820 CHONGQING-MUR820 Datasheet
205Kb / 1P
   8A High Efficiency Rectifier
logo
Mospec Semiconductor
U06C30 MOSPEC-U06C30 Datasheet
141Kb / 2P
   POWER RECTIFIERS(6.0A,300-600V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com