Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S414 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S414
Description  Fast Soft Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S414 Datasheet(HTML) 2 Page - Vishay Siliconix

  S414 Datasheet HTML 1Page - Vishay Siliconix S414 Datasheet HTML 2Page - Vishay Siliconix S414 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S414D
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (3)
Document Number 86056
Characteristics (Tj = 25_C unless otherwise specified)
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VF – Forward Voltage ( V )
15951
Tj =25°C
Tj = 175°C
0.01
0.1
1
10
100
0.001
Figure 1. Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
15952
VR =VRRM
half sinewave
RthJA=110K/W
PCB: d=25mm
RthJA=60K/W
l=10mm
Figure 2. Average Forward Current vs.
Ambient Temperature
0
50
100
150
200
250
300
350
400
450
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
15953
VR = VRRM
150K/W
110K/W
60K/W
RthJA=
Figure 3. Max. Reverse Power Dissipation vs.
Junction Temperature
1
10
100
1000
25
50
75
100
125
150
175
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
15954
VR = VRRM
Figure 4. Reverse Current vs. Junction Temperature
Dimensions in mm
Cathode Identification
∅ 3 max.
∅ 0.82 max.
4.2 max.
Standard Glass Case
DOT 30 B
Weight max. 0.5 g
technical drawings
according to DIN
specifications
95 10524
26 min.
26 min.


Similar Part No. - S414

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
S41 NKK-S41 Datasheet
447Kb / 10P
   Medium/High Capacity Standard Size Toggles
logo
List of Unclassifed Man...
S41-1210 ETC2-S41-1210 Datasheet
74Kb / 2P
   HIGH VOLTAGE SURFACE MOUNT MLCCS 250 - 5,000 VDC
logo
Texas Instruments
S4100 TI-S4100 Datasheet
315Kb / 8P
[Old version datasheet]   Multi-Function Reader Module Data Sheet
logo
Rohm
S4101 ROHM-S4101 Datasheet
664Kb / 13P
   N-channel SiC power MOSFET bare die
S4102 ROHM-S4102 Datasheet
665Kb / 13P
   N-channel SiC power MOSFET bare die
More results

Similar Description - S414

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYT42 VISHAY-BYT42 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
   Fast soft-recovery rectifier
1998 Nov 25
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
   Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
   Fast soft-recovery rectifier
1996 Jun 07
logo
Vishay Siliconix
S413D VISHAY-S413D Datasheet
38Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
S494D VISHAY-S494D Datasheet
35Kb / 3P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
   FAST SOFT RECOVERY RECTIFIER DIODE
logo
MIC GROUP RECTIFIERS
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com