Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ7.5A Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # SMCJ7.5A
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMCJ7.5A Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  SMCJ7.5A Datasheet HTML 1Page - HY ELECTRONIC CORP. SMCJ7.5A Datasheet HTML 2Page - HY ELECTRONIC CORP. SMCJ7.5A Datasheet HTML 3Page - HY ELECTRONIC CORP. SMCJ7.5A Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMCJ5.0
SMCJ5.0C
GDD
BDD
5.0
6.40
7.55
10
9.6
156.3
1000
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.23
10
9.2
163.0
1000
SMCJ6.0
SMCJ6.0C
GDF
BDF
6.0
6.67
8.45
10
11.4
131.6
1000
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.67
10
10.3
145.6
1000
SMCJ6.5
SMCJ6.5C
GDH
BDH
6.5
7.22
9.14
10
12.3
122.0
500
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
8.30
10
11.2
133.9
500
SMCJ7.0
SMCJ7.0C
GDL
BDL
7.0
7.78
9.86
10
13.3
112.8
200
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.95
10
12.0
125.0
200
SMCJ7.5
SMCJ7.5C
GDN
BDN
7.5
8.33
10.80
1.0
14.3
104.9
100
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.58
1.0
12.9
116.3
100
SMCJ8.0
SMCJ8.0C
GDQ
BDQ
8.0
8.89
11.30
1.0
15.0
100.0
50
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
10.20
1.0
13.6
110.3
50
SMCJ8.5
SMCJ8.5C
GDS
BDS
8.5
9.44
11.90
1.0
15.9
95.3
20
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.80
1.0
14.4
104.2
20
SMCJ9.0
SMCJ9.0C
GDU
BDU
9.0
10.00
12.80
1.0
16.9
88.7
10
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.00
11.50
1.0
15.4
97.4
10
SMCJ10
SMCJ10C
GDW
BDW
10.0
11.10
14.10
1.0
18.8
79.8
5.0
SMCJ10A
SMCJ10CA
GDX
BDX
10.0
11.10
12.80
1.0
17.0
88.2
5.0
SMCJ11
SMCJ11C
GDY
BDY
11.0
12.20
15.40
1.0
20.1
74.6
5.0
SMCJ11A
SMCJ11CA
GDZ
BDZ
11.0
12.20
14.40
1.0
18.2
82.4
5.0
SMCJ12
SMCJ12C
GED
BED
12.0
13.30
16.90
1.0
22.0
68.2
5.0
SMCJ12A
SMCJ12CA
GEE
BEE
12.0
13.30
15.30
1.0
19.9
75.3
5.0
SMCJ13
SMCJ13C
GEF
BEF
13.0
14.40
18.20
1.0
23.8
63.0
5.0
SMCJ13A
SMCJ13CA
GEG
BEG
13.0
14.40
16.50
1.0
21.5
69.7
5.0
SMCJ14
SMCJ14C
GEH
BEH
14.0
15.60
19.80
1.0
25.8
58.1
5.0
SMCJ14A
SMCJ14CA
GEK
BEK
14.0
15.60
17.90
1.0
23.2
64.7
5.0
SMCJ15
SMCJ15C
GEL
BEL
15.0
16.70
21.10
1.0
26.9
55.8
5.0
SMCJ15A
SMCJ15CA
GEM
BEM
15.0
16.70
19.20
1.0
24.4
61.5
5.0
SMCJ16
SMCJ16C
GEN
BEN
16.0
17.80
22.60
1.0
28.8
52.1
5.0
SMCJ16A
SMCJ16CA
GEP
BEP
16.0
17.80
20.50
1.0
26.0
57.7
5.0
SMCJ17
SMCJ17C
GEQ
BEQ
17.0
18.90
23.90
1.0
30.5
49.2
5.0
SMCJ17A
SMCJ17CA
GER
BER
17.0
18.90
21.70
1.0
27.6
53.3
5.0
SMCJ18
SMCJ18C
GES
BES
18.0
20.00
25.30
1.0
32.2
46.6
5.0
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.00
23.30
1.0
29.2
51.4
5.0
SMCJ20
SMCJ20C
GEU
BEU
20.0
22.20
28.10
1.0
35.8
41.9
5.0
SMCJ20A
SMCJ20CA
GEV
BEV
20.0
22.20
25.50
1.0
32.4
46.3
5.0
SMCJ22
SMCJ22C
GEW
BEW
22.0
24.40
30.90
1.0
39.4
38.1
5.0
SMCJ22A
SMCJ22CA
GEX
BEX
22.0
24.40
28.00
1.0
35.5
42.2
5.0
SMCJ24
SMCJ24C
GEY
BEY
24.0
26.70
33.80
1.0
43.0
34.9
5.0
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.70
30.70
1.0
38.9
38.6
5.0
SMCJ26
SMCJ26C
GFD
BFD
26.0
28.90
36.80
1.0
46.6
32.2
5.0
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.90
32.20
1.0
42.1
35.6
5.0
SMCJ28
SMCJ28C
GFF
BFF
28.0
31.10
39.40
1.0
50.0
30.0
5.0
SMCJ28A
SMCJ28CA
GFG
BFG
28.0
31.10
35.80
1.0
45.4
33.0
5.0
SMCJ30
SMCJ30C
GFH
BFH
30.0
33.30
42.40
1.0
53.5
28.0
5.0
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.30
38.30
1.0
48.4
31.0
5.0
SMCJ33
SMCJ33C
GFL
BFL
33.0
36.70
46.90
1.0
59.0
25.4
5.0
SMCJ33A
SMCJ33CA
GFM
BFM
33.0
36.70
42.20
1.0
53.3
28.1
5.0
~ 290 ~
SMCJ SERIES
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional


Similar Part No. - SMCJ7.5A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ7.5A DCCOM-SMCJ7.5A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCJ7.5A MICROSEMI-SMCJ7.5A Datasheet
205Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ7.5A YANGJIE-SMCJ7.5A Datasheet
198Kb / 5P
   Transient Voltage Suppressor Diodes
logo
HY ELECTRONIC CORP.
SMCJ7.5A HY-SMCJ7.5A Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
First Components Intern...
SMCJ7.5A FCI-SMCJ7.5A Datasheet
161Kb / 4P
   5.0V to 170V SMD TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMCJ7.5A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ Datasheet
121Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com