Electronic Components Datasheet Search |
|
SFF1601CT Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SFF1601CT Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ● Super fast switching time for high efficiency ● Low forward voltage drop High current capabiltiy ● Low reverse leakage current ● Plastic material has UL flammability classification 94V-0 MECHANICAL DATA ● Case: ITO-220AB molded plastic ● Epoxy: UL94V-0 rate flame retadant ● Mounting position :Any ● Weight: 2.24 grams ● polarity:As marked MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% SFF SFF SFF SFF SFF SFF SFF 1601CT 1602CT 1603CT 1604CT 1605CT 1606CT 1608CT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 150 200 300 400 600 V Maximum RMS Voltage VRMS 35 70 105 140 210 280 420 V Maximum DC Blocking Voltage VDC 50 100 150 200 300 400 600 V Maximum Average Forward Rectified Current @TA =75 ℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 8.0A DC VF 1.3 V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Maximum Reverse Recovery Time(Note1) TRR 50 nS Typical Junction Capacitance (Note2) CJ pF Typical Thermal Resistance (Note3) RθJA ℃ /W Operating and Storage Temperature Range TJ,TSTG ℃ SFF1601CT thru SFF1608CT SUPER FAST RECTIFIERS IO 16.0 UNIT CHARACTERISTICS SYMBOL REVERSE VOLTAGE - 50 to 600Volts FORWARD CURRENT - 16.0 Amperes Dimensions in inches and (millimeters) 1.0 1.25 150 35 40 IFSM A A 300 ~ 176 ~ IR μA NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A 2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC. 10 -55 to + 150 2.5 40 ITO-220AB .386(9.8) .406(10.3) .118(3.0) .102(2.6) .189(4.8) .173(4.4) .114(2.9) .098(2.5) .059(1.5) .043(1.1) .055(1.4) .071(1.8) .531(13.5) .571(14.5) .088(2.24) .112(2.84) .138(3.5) .122(3.1) .610(15.5) .571(14.5) .118(3.0) .106(2.7) .020(0.51) .030(0.76) .030(0.76) .020(0.51) .157(4.0) .142(3.6) |
Similar Part No. - SFF1601CT |
|
Similar Description - SFF1601CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |