Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS506 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # RS506
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS506 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  RS506 Datasheet HTML 1Page - HY ELECTRONIC CORP. RS506 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Plastic material used carries UL
recognition 94V-0
High surge current capability
Ideal for printed circuit board
Built-in printed board stand offs
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
resistive or inductive load at 50HZ or 60HZ.
CHARACTERISTICS
SYMBOL
RS501
RS502
RS503
RS504
RS505
RS506
RS507
UNIT
Maximum Recurrent Peak Reverse Voltage
VRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
400
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Repetitive Peak Reverse Voltage (Note1)
VRRM
100
190
300
600
900
1200
1500
V
Maximum Average Forward Output Current IFAVM natuer
cooling,TA=45℃
C-Load
R+L-Load
on chassis=31in2 ,200cm2 ,TA=45℃
C-Load
R+L-Load
Maximum Repetitive Peak Forward Surge Current IFSM
APK
A
Peak Forward Surge Current Single
@TJ=25℃
Sine-Wave on Reated Load (JEDEC Method) @TJ=150℃
I2t Rating for Fusing
@TJ=25℃
(t<8.3ms)
@TJ=150℃
Maximum Series Resistance at VRMS
0.15
0.3
0.6
1.2
OHM
Maximum Reservoir Capacitor
10000
5000
5000
2500
uF
Maximum Reverse Current at
@TJ=25℃
μA
Rated Repetitive Peak Voltage
@TJ=150℃
mA
Maximum instantaneous Forward Drop
per Element at 5.0A
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
REVERSE VOLTAGE
-
50 to 1000 Volts
FORWARD CURRENT -
5.0 Amperes
5.0
A2S
-55 to+150
RS501 thru RS507
A
A
3.3
250
200
4.0
SILICON BRIDGE RECTIFIERS
IR
30
I2t
IFSM
200
I(A)
312
6.0
1.8
-55 to+125
~ 366 ~
10.0
6.0
1000
V
VF
1.0
NOTES:1.Valid for each bridge element.
.188(4.8)x45°
.807(20.5)
.846(21.5)
.886(22.5)
.825(21.0)
MIN.
1.00
(25.4)
.042(1.07) DIA
.038(0.97)
1.594(40.5)
1.550(39.4)
.295(7.5)
.256(6.5)
.180(4.6)
.195(5.0)
.354
.400
(9.0)
(10.2) (7.6)
(7.2)
.300
.285 .285
.300
(7.2)
(7.6) (9.3)
(8.8)
.365
.345
RS5


Similar Part No. - RS506

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS506 DCCOM-RS506 Datasheet
239Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
RS506 GOOD-ARK-RS506 Datasheet
240Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Chongqing Pingwei Enter...
RS506 CHONGQING-RS506 Datasheet
47Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
RS506 SECOS-RS506 Datasheet
363Kb / 2P
   Silicon BridgeRectifiers
logo
Formosa MS
RS506 FORMOSA-RS506 Datasheet
82Kb / 6P
   Bridge Rectifier
More results

Similar Description - RS506

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com