Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCT6H Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCT6H
Description  Dual Channel Optocoupler with Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCT6H Datasheet(HTML) 2 Page - Vishay Siliconix

  MCT6H Datasheet HTML 1Page - Vishay Siliconix MCT6H Datasheet HTML 2Page - Vishay Siliconix MCT6H Datasheet HTML 3Page - Vishay Siliconix MCT6H Datasheet HTML 4Page - Vishay Siliconix MCT6H Datasheet HTML 5Page - Vishay Siliconix MCT6H Datasheet HTML 6Page - Vishay Siliconix MCT6H Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCT6H/ MCT62H
Vishay Telefunken
Rev. A1, 11–Jan–99
202
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 ms
IFSM
1.5
A
Power dissipation
Tamb ≤ 25°C
PV
100
mW
Junction temperature
Tj
125
°C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Tamb ≤ 25°C
PV
150
mW
Junction temperature
Tj
125
°C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
AC isolation test voltage (RMS)
t = 1 min
VIO 1)
5
kV
Total power dissipation
Tamb ≤ 25°C
Ptot
250
mW
Ambient temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +125
°C
Soldering temperature
2 mm from case, t
≤ 10 s
Tsd
260
°C
1) Related to standard climate 23/50 DIN 50014


Similar Part No. - MCT6H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT6H VISHAY-MCT6H Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
More results

Similar Description - MCT6H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
logo
Siemens Semiconductor G...
MCT6 SIEMENS-MCT6 Datasheet
53Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
QT Optoelectronics
MCT9001 QT-MCT9001 Datasheet
383Kb / 4P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
ILCT6 SIEMENS-ILCT6 Datasheet
53Kb / 3P
   DUAL PHOTOTRANSISTOR OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com