Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3496EUFD-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3496EUFD-TRPBF
Description  Triple Output LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496EUFD-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3496EUFD-TRPBF Datasheet HTML 5Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 6Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 7Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 8Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 9Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 10Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 11Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 12Page - Linear Technology LT3496EUFD-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3496
9
3496fe
APPLICATIONS INFORMATION
Operation
The LT3496 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation. Op-
eration can be best understood by referring to the Block
Diagram in Figure 1. The oscillator, ramp generator, refer-
ence, internal regulator and UVLO are shared among the
three converters. The control circuitry, power switch etc.,
are replicated for each of the three converters. Figure 1
shows the shared circuits and only converter 1 circuits.
If the SHDN pin is tied to ground, the LT3496 is shut
down and draws minimal current from VIN. If the SHDN
pin exceeds 1.5V, the internal bias circuits turn on. The
switching regulators start to operate when their respective
PWM signal goes high.
The main control loop can be understood by following
the operation of converter 1. The start of each oscillator
cycle sets the SR latch, A3, and turns on power switch
Q1. The signal at the noninverting input (SLOPE node)
of the PWM comparator A2 is proportional to the sum
of the switch current and oscillator ramp. When SLOPE
exceeds VC (the output of the error amplifier A1), A2 resets
the latch and turns off the power switch Q1 through A4
and A5. In this manner, A10 and A2 set the correct peak
current level to keep the output in regulation. Amplifier
A8 has two noninverting inputs, one from the 1V internal
voltage reference and the other one from the CTRL1 pin.
Whichever input is lower takes precedence. A8, Q3 and R1
force V1, the voltage across R1, to be one tenth of either
1V or the voltage of CTRL1 pin, whichever is lower. VSENSE
is the voltage across the sensing resistor, RSENSE, which is
connected in series with the LEDs. VSENSE is compared to
V1 by A1. If VSENSE is higher than V1, the output of A1 will
decrease, thus reducing the amount of current delivered to
LEDs. In this manner the current sensing voltage VSENSE
is regulated to V1.
Converters 2 and 3 are identical to converter 1.
PWM Dimming Control
LED1 can be dimmed with pulse width modulation us-
ing the PWM1 pin and an external P-channel MOSFET,
M1. If the PWM1 pin is pulled high, M1 is turned on by
internal driver A7 and converter 1 operates nominally.
A7 limits CAP1-TG1 to 6.5V to protect the gate of M1. If
the PWM1 pin is pulled low, Q1 is turned off. Converter 1
stops operating, M1 is turned off, disconnects LED1 and
stops current draw from output capacitor C2. The VC1
pin is also disconnected from the internal circuitry and
draws minimal current from the compensation capacitor
CC. The VC1 pin and the output capacitor store the state
of the LED1 current until PWM1 is pulled up again. This
leads to a highly linear relationship between pulse width
and output light, and allows for a large and accurate dim-
ming range. A P-channel MOSFET with smaller total gate
charge (QG) improves the dimming performance, since
it can be turned on and off faster. Use a MOSFET with a
QG lower than 10nC, and a minimum VTH of –1V to –2V.
Don’t use a Low VTH PMOS. To optimize the PWM control
of all the three channels, the rising edge of all the three
PWM signals should be synchronized.
In the applications where high dimming ratio is not required,
M1 can be omitted to reduce cost. In these conditions,
TG1 should be left open. The PWM dimming range can be
further increased by using CTRL1 pin to linearly adjust the
current sense threshold during the PWM1 high state.
Loop Compensation
Loop compensation determines the stability and transient
performance. The LT3496 uses current mode control to
regulate the output, which simplifies loop compensation.
To compensate the feedback loop of the LT3496, a series
resistor-capacitor network should be connected from the
VC pin to GND. For most applications, the compensation
capacitor should be in the range of 100pF to 1nF. The com-
pensation resistor is usually in the range of 5k to 50k.
To obtain the best performance, tradeoffs should be made
in the compensation network design. A higher value of
compensation capacitor improves the stability and dim-
ming range (a larger capacitance helps hold the VC voltage
when the PWM signal is low). However, a large compen-
sation capacitor also increases the start-up time and the
time to recover from a fault condition. Similarly, a larger
compensation resistor improves the transient response
but may reduce the phase margin. A practical approach
is to start with one of the circuits in this data sheet that
is similar to your application and tune the compensation
network to optimize the performance. The stability, PWM


Similar Part No. - LT3496EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496EUFD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com