Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3496EFE-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3496EFE-TRPBF
Description  Triple Output LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496EFE-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3496EFE-TRPBF Datasheet HTML 4Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 5Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 6Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 11Page - Linear Technology LT3496EFE-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3496
8
3496fe
Figure 1. LT3496 Block Diagram Working in Boost Configuration
BLOCK DIAGRAM
+
+
+
EAMP
A1
+ V1
PWM1
VC
1V
PWM
COMPARATOR
SLOPE
R1 2k
+
VSENSE
ILED
LED1
M1
RSENSE 0.2Ω
A8
CTRL
BUFFER
Q3
1V
CTRL1
VC1
Q1
GND
R2
20k
R6
R5
A3
SR LATCH
ISENS2
REPLICATED FOR EACH CHANNEL
SHARED COMPONENTS
S
RQ
A2
A9
A6
NPN
DRIVER
+
A10
A4
A7
MOSFET
DRIVER
A5
VIN
VREF
FADJ
3496 BD
SHDN
OVP1
R3
R4
RC
PWM1
TG1
LED1
CAP1
SW1
D1
L1
VIN
C2
C1
CC
VIN
C3
C4
INTERNAL
REGULATOR
AND UVLO
2V
REFERENCE
RAMP
GENERATOR
OSCILLATOR
Q2
VIN
ISRC
200μA


Similar Part No. - LT3496EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3496 LINER-LT3496 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3496 LINER-LT3496 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3496 LINER-LT3496 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3496 LINEAR_DIMENSIONS-LT3496 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3496EFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com