Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3495BEDDB-1-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT3495BEDDB-1-TRPBF
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495BEDDB-1-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT3495BEDDB-1-TRPBF Datasheet HTML 1Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 2Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 3Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 4Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 5Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 6Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 7Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 8Page - Linear Technology LT3495BEDDB-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
4
3495b1b1f
SHDN Current vs SHDN Voltage
Peak Inductor Current
vs Temperature (LT3495)
Peak Inductor Current
vs Temperature (LT3495-1)
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Temperature
Minimum Switching Frequency
Quiescent Current - Not Switching
Quiescent Current vs Temperature
SW Saturation Voltage
vs Switch Current (LT3495)
SW Saturation Voltage
vs Switch Current (LT3495-1)
TA = 25°C unless otherwise noted.
TEMPERATURE (°C)
–40
1.00
0.75
0.25
0.00
–0.75
–0.50
–0.25
0.50
–1.00
80
0
3495 G04
125
40
VCC = 3.6V
VOUT = 16V
LOAD = 5mA
FIGURE 7 CIRCUIT
TEMPERATURE (°C)
–40
50
40
35
45
30
80
0
3495 G05
125
40
FIGURE 7 CIRCUIT
VCC (V)
2
100
70
80
60
90
50
14
12
10
8
4
3495 G06
16
6
TEMPERATURE (°C)
–40
100
70
80
60
90
50
80
0
3495 G07
125
40
SWITCH CURRENT (mA)
0
300
100
150
50
200
250
0
600
200
100
300
3495 G08
700
400
500
SWITCH CURRENT (mA)
0
200
80
120
40
160
0
200
100
300
3495 G09
400
SHDN PIN VOLTAGE (V)
0
20
5
10
15
0
4
26
8
3495 G10
10
TEMPERATURE (°C)
–40
1000
700
800
900
600
40
080
3495 G11
125
VCC = 3.6V
VOUT = 16V
FIGURE 7 CIRCUIT
TEMPERATURE (°C)
–40
600
350
400
450
500
550
300
40
080
3495 G12
125
FIGURE 9 CIRCUIT


Similar Part No. - LT3495BEDDB-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B LINER-LT3495B Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495BEDDB-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com